Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX25210ASAC9/V+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX25210ASAC9/V+
Description  Automotive Ultra Low Quiescent Current Linear Regulator Family
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX25210ASAC9/V+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX25210ASAC9/V+ Datasheet HTML 7Page - Maxim Integrated Products MAX25210ASAC9/V+ Datasheet HTML 8Page - Maxim Integrated Products MAX25210ASAC9/V+ Datasheet HTML 9Page - Maxim Integrated Products MAX25210ASAC9/V+ Datasheet HTML 10Page - Maxim Integrated Products MAX25210ASAC9/V+ Datasheet HTML 11Page - Maxim Integrated Products MAX25210ASAC9/V+ Datasheet HTML 12Page - Maxim Integrated Products MAX25210ASAC9/V+ Datasheet HTML 13Page - Maxim Integrated Products MAX25210ASAC9/V+ Datasheet HTML 14Page - Maxim Integrated Products MAX25210ASAC9/V+ Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
operation.
Thermal Protection
The MAX25210 features thermal protection. When the junction temperature exceeds +170°C, an internal thermal sensor
turns off the pass transistor and allows the device to cool. The thermal sensor turns on the pass transistor again after
the junction temperature cools by 20°C. This results in a cycled output during continuous thermal-overload conditions.
Thermal protection protects the MAX25210 in the event of fault conditions. For continuous operation, do not exceed the
absolute maximum junction temperature rating of +150°C.
MAX25210
Automotive Ultra Low Quiescent Current Linear
Regulator Family
www.maximintegrated.com
Maxim Integrated | 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com