Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX25210ASAC9/V+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX25210ASAC9/V+
Description  Automotive Ultra Low Quiescent Current Linear Regulator Family
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX25210ASAC9/V+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX25210ASAC9/V+ Datasheet HTML 1Page - Maxim Integrated Products MAX25210ASAC9/V+ Datasheet HTML 2Page - Maxim Integrated Products MAX25210ASAC9/V+ Datasheet HTML 3Page - Maxim Integrated Products MAX25210ASAC9/V+ Datasheet HTML 4Page - Maxim Integrated Products MAX25210ASAC9/V+ Datasheet HTML 5Page - Maxim Integrated Products MAX25210ASAC9/V+ Datasheet HTML 6Page - Maxim Integrated Products MAX25210ASAC9/V+ Datasheet HTML 7Page - Maxim Integrated Products MAX25210ASAC9/V+ Datasheet HTML 8Page - Maxim Integrated Products MAX25210ASAC9/V+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
General Description
The MAX25210 high-voltage linear regulator family is ideal
for use in automotive and battery-operated systems. The
device operates from a +3.5V to +36V input voltage, deliv-
ers up to 300mA of load current, and consumes only 10µA
of typical quiescent current at no load. The device con-
sumes only 2µA (typ) current when in shutdown. The input
is +42V transient tolerant and is designed to operate under
load-dump conditions. The MAX25210 can be configured
as either fixed output voltage (+3.3V or +5V) or adjustable
output voltage using an external resistive divider.
The MAX25210 features an open-drain, active-low RE-
SET output with fixed thresholds offered at 93.5% and
87.5% of the output voltage. The RESET output remains
low for a fixed period of 60µs after the output voltage ex-
ceeds its threshold. The RESET delay can be extended
with an external capacitor.
The MAX25210 includes an enable input, short-circuit pro-
tection, and thermal shutdown. The MAX25210 operates
over the -40°C to +125°C automotive temperature range.
The regulators are available in a space-saving, thermally
enhanced, 3mm x 3mm, 8-pin TDFN package.
Applications
● Automotive
● Telecom
● Industrial
Benefits and Features
● Enables System Designers to Meet Stringent Module
Requirements for 100μA Quiescent Current
• Low 10µA Quiescent Current
• 300mA Output-Current Capability (300mA, 200mA,
100mA, and 50mA Variants)
• User-Selectable Output Voltage (+3.3V or +5V
Fixed and +0.6V to +11V Adjustable with External
Resistive Divider)
● Tiny Output Capacitors Reduce Board Space and
BOM Cost
• Stable Operation with 2.2µF Output Capacitor
● Accurate RESET Output with Adjustable Delay
Eliminates Need for Separate Reset IC
• Open-Drain RESET Output with Adjustable Delay
• Fixed-Reset Threshold Options: 87.5% or 93.5%
● Operates Through Cold-Crank Conditions
• Low-Dropout Voltage of 280mV at 200mA
• +3.5V to +36V Wide Input Voltage Range, +42V
Tolerant
● Robust Performance in Automotive Environment
• Thermal and Short-Circuit Protection
• High-Voltage Enable Input (+42V)
• -40°C to +125°C Automotive Temperature Range
• Automotive Qualified AEC-Q100
Ordering Information appears at end of data sheet.
Simplified Block Diagram
IN
SET
GND
TIMEOUT
OUT
SETOV
RESET
MAX25210
ENABLE
1µF
2.2µF
10k
Click here to ask about the production status of specific part numbers.
MAX25210
Automotive Ultra Low Quiescent Current Linear
Regulator Family
19-100810; Rev 3; 2/21


Similar Part No. - MAX25210ASAC9/V+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX25210 MAXIM-MAX25210 Datasheet
621Kb / 7P
Low 100μA Quiescent Current
Rev 0; 5/20
logo
Analog Devices
MAX25210 AD-MAX25210 Datasheet
1Mb / 22P
Power Conditioner for APL Field Devices
Rev. 0
logo
Maxim Integrated Produc...
MAX25210EVKIT MAXIM-MAX25210EVKIT Datasheet
621Kb / 7P
Low 100μA Quiescent Current
Rev 0; 5/20
MAX25210EVKIT# MAXIM-MAX25210EVKIT# Datasheet
621Kb / 7P
Low 100μA Quiescent Current
Rev 0; 5/20
More results

Similar Description - MAX25210ASAC9/V+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16910 MAXIM-MAX16910 Datasheet
1Mb / 13P
200mA, Automotive, Ultra-Low Quiescent Current, Linear Regulator
Rev 0; 7/09
MAX16910 MAXIM-MAX16910_11 Datasheet
1Mb / 15P
200mA, Automotive, Ultra-Low Quiescent Current, Linear Regulator Automotive Qualified
Rev 2; 7/11
MAX16910 MAXIM-MAX16910_12 Datasheet
1Mb / 15P
200mA, Automotive, Ultra-Low Quiescent Current, Linear Regulator
Rev 3; 4/12
logo
Union Semiconductor, In...
UM15413S UNIONSEMI-UM15413S Datasheet
403Kb / 12P
Ultra Low Quiescent Current Linear Regulator
logo
Infineon Technologies A...
TLS805B1SJV INFINEON-TLS805B1SJV_15 Datasheet
1Mb / 22P
Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-05
logo
Union Semiconductor, In...
UM15313S UNIONSEMI-UM15313S_15 Datasheet
542Kb / 19P
Ultra Low Quiescent Current Linear Regulator
logo
Infineon Technologies A...
TLS810B1 INFINEON-TLS810B1 Datasheet
1Mb / 24P
Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-11-02
TLS805D1LDV50 INFINEON-TLS805D1LDV50 Datasheet
1Mb / 29P
Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2016-03-18
TLS805B1LDV50 INFINEON-TLS805B1LDV50 Datasheet
770Kb / 24P
Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.10, 2016-04-20
TLS805B1LDV INFINEON-TLS805B1LDV Datasheet
1Mb / 26P
Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2, 2016-01-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com