Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX25210ASAC9/V+ Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX25210ASAC9/V+
Description  Automotive Ultra Low Quiescent Current Linear Regulator Family
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX25210ASAC9/V+ Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX25210ASAC9/V+ Datasheet HTML 9Page - Maxim Integrated Products MAX25210ASAC9/V+ Datasheet HTML 10Page - Maxim Integrated Products MAX25210ASAC9/V+ Datasheet HTML 11Page - Maxim Integrated Products MAX25210ASAC9/V+ Datasheet HTML 12Page - Maxim Integrated Products MAX25210ASAC9/V+ Datasheet HTML 13Page - Maxim Integrated Products MAX25210ASAC9/V+ Datasheet HTML 14Page - Maxim Integrated Products MAX25210ASAC9/V+ Datasheet HTML 15Page - Maxim Integrated Products MAX25210ASAC9/V+ Datasheet HTML 16Page - Maxim Integrated Products MAX25210ASAC9/V+ Datasheet HTML 17Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Ordering Information
PART NUMBER
TEMP RANGE
OUTPUT
CURRENT
RESET
THRESHOLD
PIN-PACKAGE
TOP
MARKING
MAX25210ATAA8/V+
-40°C to
+125°C
300
87.5
8 TDFN-EP* (3mm x
3mm)
BST
MAX25210ATAA9/V+
-40°C to
+125°C
300
93.5
8 TDFN-EP* (3mm x
3mm)
BSU
MAX25210ATAB8/V+
-40°C to
+125°C
200
87.5
8 TDFN-EP* (3mm x
3mm)
BSV
MAX25210ATAB9/V+
-40°C to
+125°C
200
93.5
8 TDFN-EP* (3mm x
3mm)
BSW
MAX25210ASAB8/
V+**
-40°C to
+125°C
200
87.5
8 SO-EP* (5mm x 4mm)
0AAB8/V
MAX25210ASAB9/
V+**
-40°C to
+125°C
200
93.5
8 SO-EP* (5mm x 4mm)
0AAB9/V
MAX25210ATAC8/
V+**
-40°C to
+125°C
100
87.5
8 TDFN-EP* (3mm x
3mm)
BSX
MAX25210ATAC9/
V+**
-40°C to
+125°C
100
93.5
8 TDFN-EP* (3mm x
3mm)
BSY
MAX25210ASAC8/
V+**
-40°C to
+125°C
100
87.5
8 SO-EP* (5mm x 4mm)
0AAC8/V
MAX25210ASAC9/
V+**
-40°C to
+125°C
100
93.5
8 SO-EP* (5mm x 4mm)
0AAC9/V
MAX25210ATAD8/V+
-40°C to
+125°C
50
87.5
8 TDFN-EP* (3mm x
3mm)
BSZ
MAX25210ATAD9/
V+**
-40°C to
+125°C
50
93.5
8 TDFN-EP* (3mm x
3mm)
BTA
MAX25210ASAD8/
V+**
-40°C to
+125°C
50
87.5
8 SO-EP* (5mm x 4mm)
0AAD8/V
MAX25210ASAD9/
V+**
-40°C to
+125°C
50
93.5
8 SO-EP* (5mm x 4mm)
0AAD9/V
+ Denotes a lead(Pb)-free/RoHS-compliant package.
T Denotes tape-and-reel.
*EP = Exposed pad.
**Future product—contact factory for availability.
MAX25210
Automotive Ultra Low Quiescent Current Linear
Regulator Family
www.maximintegrated.com
Maxim Integrated | 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com