Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF1P4101DA6/02 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # MF1P4101DA6/02
Description  MIFARE Plus EV1
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1P4101DA6/02 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button MF1P4101DA6/02 Datasheet HTML 12Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 13Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 14Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 15Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 16Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 17Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 18Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 19Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
NXP Semiconductors
MF1P(H)x1y1
MIFARE Plus EV1
MF1P(H)x1y1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product short data sheet
Rev. 3.2 — 6 December 2018
COMPANY PUBLIC
366932
16 / 33
8.9 Security level 1
Security level 1 offers the same functionality as a MIFARE Classic EV1 1K and MIFARE
Classic EV1 4K using the backwards compatibility protocol, see Ref. 3 and Ref. 4.
Furthermore, an optional AES authentication is available in this level without affecting
the MIFARE Classic EV1 1K and MIFARE Classic EV1 4K functionality. The authenticity
of the card can be proven using strong cryptographic means with this additional
functionality.
Response timings may differ from the MIFARE Classic EV1 1K/4K products.
In addition to the backwards compatibility mode, after a successful ISO/IEC 14443-4
activation the originality function can be executed or the CardSecurityLevel or
SectorSecurityLevel switched to higher security levels. In addition to those features
already available in MIFARE Plus EV0, MIFARE Plus EV1 offers the possibility to update
AESSectorKeys and VCSystemData.
MIFARE Plus EV1 can be operated like MIFARE Plus EV0 in SL1 which means that all
memory operations on each sector are requiring legacy MIFARE Classic EV1 commands
using CRYPTO1 enciphering. Beyond that, MIFARE Plus EV1 offers the flexibility
to either switch distinct sectors to SL3 and operate them in AES secure messaging
or enable SL1SL3MixMode on distinct sectors. Sectors in SL1SL3MixMode can be
operated either using the backwards compatible MIFARE Classic EV1 commands when
activated to ISO/IEC 14443-3 or using AES secure messaging when activated to ISO/
IEC 14443-4. In example, this enables end-to-end communication to a MIFARE Plus EV1
using a secure AES channel while leaving the operation in the application on MIFARE
Classic EV1 commands for a migration period.
Also, the Transaction MAC feature is available in security level 1 after ISO/IEC14443-3
activation. The Transaction MAC processing in security level 1 of the Authentication,
Read, Write, Increment, Decrement, Transfer and Restore commands is the same as
their security level 3 equivalents with a few differences, as described later and in Ref. 1.
The CommitReaderID command is not supported.
Using the originality function it is possible to verify if the chip is a genuine NXP
Semiconductors MIFARE Plus EV1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com