Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF1P4101DA6/02 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MF1P4101DA6/02
Description  MIFARE Plus EV1
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1P4101DA6/02 Datasheet(HTML) 1 Page - NXP Semiconductors

  MF1P4101DA6/02 Datasheet HTML 1Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 2Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 3Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 4Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 5Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 6Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 7Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 8Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
MF1P(H)x1y1
MIFARE Plus EV1
Rev. 3.2 — 6 December 2018
Product short data sheet
366932
COMPANY PUBLIC
1 General description
Migrate classic contactless smart card systems to the next security level with the
next evolution of the proven MIFARE Plus product family. MIFARE Plus EV1 brings
benchmark security and additional features to mainstream contactless smart card
applications. It is the only mainstream IC compatible with MIFARE Classic EV1 1K
(MF1S50yyX/V1), MIFARE Classic EV1 4K (MF1S70yyX/V1) and the MIFARE Plus EV0
product family (MF1PLUSx0y1 and MF1SPLUSx0y1) which offers a seamless upgrade
path for existing infrastructure and services.
MIFARE Plus EV1 enables system operators to selectively upgrade security relevant
applications. The ability to operate non-security relevant applications on existing
CRYPTO1 infrastructure minimizes total cost of ownership (TCO) for the whole
infrastructure eco-system. After switching to Security Level 3, MIFARE Plus EV1 uses
Advanced Encryption Standard (AES) based on open global standards for cryptographic
methods for authentication, data integrity protection and data encryption.
Variants with EEPROM sizes up to 4K cater for the growing number of contactless
applications and thus growing memory needs. This support empowers system operators
to add future applications as needed while relying on an established product standard.
The use of the MIFARE Application Directory (MAD) simplifies the future on-boarding of
new applications on a MIFARE Plus EV1, see Ref. 5.
AES for data encryption and integrity protection is also used for the secure end-to-end
channel communication capabilities of MIFARE Plus EV1. This new evolution allows
system operators to remotely manage card content over-the-air, even for Crypto1
operated applications. Additional applications and services can thus be created remotely
after card issuance in a secure way, further enhancing TCO.
The Transaction MAC feature securely verifies the authenticity of a transaction. In
example for systems with multiple service providers that are using the same wallet
and clearing service, the Transaction MAC feature proves to the clearing house that
transactions between service providers and customers are genuine. It can also be
used to verify transactions in numerous offline scenarios or where real-time online
authentication capabilities are not feasible for system operators.
For easy integration with mobile devices and other convergence media, MIFARE Plus
EV1 also supports communication via ISO/IEC 7816-4 APDUs . To increase flexibility,
system can freely choose to communicate in the native and APDU mode.


Similar Part No. - MF1P4101DA6/02

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MF1PLUS6001DA403 NXP-MF1PLUS6001DA403 Datasheet
163Kb / 20P
Mainstream contactless smart card IC for fast and easy solution development
Rev. 3.2-21 February 2011
MF1PLUS6001DUD03 NXP-MF1PLUS6001DUD03 Datasheet
163Kb / 20P
Mainstream contactless smart card IC for fast and easy solution development
Rev. 3.2-21 February 2011
MF1PLUS6011DA403 NXP-MF1PLUS6011DA403 Datasheet
163Kb / 20P
Mainstream contactless smart card IC for fast and easy solution development
Rev. 3.2-21 February 2011
MF1PLUS6011DUD03 NXP-MF1PLUS6011DUD03 Datasheet
163Kb / 20P
Mainstream contactless smart card IC for fast and easy solution development
Rev. 3.2-21 February 2011
MF1PLUS6031DA403 NXP-MF1PLUS6031DA403 Datasheet
163Kb / 20P
Mainstream contactless smart card IC for fast and easy solution development
Rev. 3.2-21 February 2011
More results

Similar Description - MF1P4101DA6/02

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MF3ICD21 PHILIPS-MF3ICD21 Datasheet
74Kb / 15P
MIFARE DESFire EV1 contactless multi-application IC
Rev. 02-6 March 2009
MF0ICU2 NXP-MF0ICU2 Datasheet
89Kb / 15P
MIFARE Ultralight C
Rev. 3.2-19 May 2009
MF3ICD21 NXP-MF3ICD21 Datasheet
82Kb / 15P
MIFARE DESFire EV1 contactless multi-application IC
Rev. 02-6 March 2009
P5DF081 NXP-P5DF081 Datasheet
240Kb / 36P
MIFARE SAM AV2
Rev. 1-12 August 2010
MF0ULX1 NXP-MF0ULX1 Datasheet
1Mb / 50P
MIFARE Ultralight EV1 - contactless ticket IC
Rev. 3.0-19 February 2013
MF1SEP10X1 NXP-MF1SEP10X1 Datasheet
160Kb / 17P
MIFARE PLUS SE - Secure contactless smart card IC for seamless migration
Rev.3.1-16 March2017
MF3ICDQ1 NXP-MF3ICDQ1 Datasheet
112Kb / 18P
MIFARE DESFire EV1 256B contactless smartcard IC
Rev.3.0-5 November2015
MF3ICDX21 NXP-MF3ICDX21 Datasheet
117Kb / 18P
MIFARE DESFire EV1 contactless multi-application IC
Rev.3.2-9 December2015
MF1S50YYX_V1 NXP-MF1S50YYX_V1 Datasheet
467Kb / 36P
MIFARE Classic EV1 1K - Mainstream contactless smart card IC for fast and easy solution development
Rev. 3.2 - 23 May 2018
MF1S70YYX_V1 NXP-MF1S70YYX_V1 Datasheet
458Kb / 37P
MIFARE Classic EV1 4K - Mainstream contactless smart card IC for fast and easy solution development
Rev. 3.2 - 23 November 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com