Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF1P4101DA6/02 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MF1P4101DA6/02
Description  MIFARE Plus EV1
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1P4101DA6/02 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MF1P4101DA6/02 Datasheet HTML 3Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 4Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 5Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 6Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 7Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 8Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 9Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 10Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
NXP Semiconductors
MF1P(H)x1y1
MIFARE Plus EV1
MF1P(H)x1y1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product short data sheet
Rev. 3.2 — 6 December 2018
COMPANY PUBLIC
366932
7 / 33
Value blocks are special counters where the stored value can be manipulated with
specific commands such as Increment, Decrement and Transfer.
These value blocks have a fixed data format enabling error detection and correction with
backup management to be performed.
The MIFARE Plus EV1 in security level 3 provides two more commands which can be
used to optimize performance when using value blocks. These are:
• IncrementTransfer
• DecrementTransfer
A successful mutual authentication is required to allow any data operation.
8.1.2.1 Access conditions
The access conditions for every data block and the sector trailer itself are stored in the
sector trailer of the corresponding sector.
The access bits control the rights of memory operations using the secret keys A and B.
The access conditions may be altered after authentication with the relevant key and the
current access condition allows this operation.
Furthermore, value blocks are configured using the access bits.
8.1.3 AES keys
AES keys are not shown in the memory map. The keys are stored in a separate memory
section and can be updated and used by referencing the Key Number. Updates of AES
keys as well as the update of the sector trailers is protected against tearing events. This
anti-tearing mechanism is done by the PICC itself. The EEPROM stays in a defined
status, even if the PICC is removed from the electromagnetic field during the write
operation.
8.1.4 Originality function
MIFARE Plus EV1 offers two features to prove genuineness of the IC. The first originality
function is implemented by an AES authentication with the originality key and is
backwards compatible to MIFARE Plus EV0. The authentication is performed in ISO/IEC
14443-4 protocol layer.
The second asymmetric originality signature is based on ECC and only requires a public
key for the verification. The verification itself is done on the infrastructure side.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com