Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF1P4101DA6/02 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # MF1P4101DA6/02
Description  MIFARE Plus EV1
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1P4101DA6/02 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button MF1P4101DA6/02 Datasheet HTML 23Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 24Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 25Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 26Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 27Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 28Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 29Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 30Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
NXP Semiconductors
MF1P(H)x1y1
MIFARE Plus EV1
MF1P(H)x1y1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product short data sheet
Rev. 3.2 — 6 December 2018
COMPANY PUBLIC
366932
27 / 33
12 References
[1]
MIFARE Plus EV1
Data sheet, Doc. No. 3226**2
[2]
MF1P(H)x1y1 Wafer specification
Data sheet addendum, Doc. No. 3441**
[3]
MIFARE Classic EV1 1K
Data sheet, Doc. No. 2792**
[4]
MIFARE Classic EV1 4K
Data sheet, Doc. No. 2794**
[5]
AN10787 MIFARE Application Directory (MAD)
Application note,
Doc. No. 0018**
[6]
MIFARE Type identification procedure
Application note, Doc. No. 1843**
[7]
ISO/IEC 14443 PICC selection
Application note, Doc. No. 1308**
[8]
ISO/IEC 7816-4:2005
Identification cards – Integrated circuit cards – Part 4: Organization, security and
commands for interchange. January 2005.
[9]
NIST Special Publication 800-38A
Recommendation for block cipher modes of operation: methods and techniques, 2001.
[10]
NIST Special Publication 800-38B
Recommendation for block cipher modes of operation: The CMAC mode for
authentication.
2
** ... document version number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com