Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF1P4101DA6/02 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # MF1P4101DA6/02
Description  MIFARE Plus EV1
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1P4101DA6/02 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button MF1P4101DA6/02 Datasheet HTML 8Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 9Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 10Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 11Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 12Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 13Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 14Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 15Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
NXP Semiconductors
MF1P(H)x1y1
MIFARE Plus EV1
MF1P(H)x1y1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product short data sheet
Rev. 3.2 — 6 December 2018
COMPANY PUBLIC
366932
12 / 33
8.6 Card activation and communication protocol
The ISO/IEC 14443-3 anticollision mechanism allows for simultaneous handling of
multiple PICCs in the field. The anticollision algorithm selects each PICC individually
and ensures that execution of a transaction with a selected PICC is performed correctly
without data corruption from other PICCs in the field.
There are two different versions of the PICC. The UID is programmed into a locked part
of the NV-memory reserved for the manufacturer:
• unique 7-byte serial number
• non-unique 4-byte serial number
Due to security and system requirements, these bytes are write-protected after being
programmed by the PICC manufacturer at production time.
Remark: The programmed 4-byte NUID serial number is not globally unique which has
to be considered in the contactless system design. See Ref. 14 for further information
regarding handling of UIDs.
The customer must decide which UID length to use when ordering the product, see Table
2 for ordering information.
A MF1P(H)x1y1 with 7-byte UID supports the additional UID configuration options as
defined in Ref. 3 using the MF_PersonalizeUIDUsage command after ISO/IEC 14443-3
activation. Note that the MF_PersonalizeUIDUsage command can only be sent once.
During personalization, the PICC can be configured to support Random ID. The user can
configure whether Random ID or fixed UID shall be used. According to ISO/IEC 14443-3
the first anticollision loop (see Ref. 7) returns the Random Number Tag 08h, the 3-byte
Random Number and the BCC, if Random ID is used. In case Random ID is configured,
the real UID can be retrieved using the ISOSelect and ISOExternalAuthenticate
commands or by reading out block 0 of sector 0.
8.6.1 Backwards compatibility protocol
The backwards compatibility of this product, as used in security level 1, runs on the same
protocol layer as MIFARE Classic EV1 1K and MIFARE Classic EV1 4K. The protocol
consists of the following components:
• Frame definition: according to ISO/IEC 14443-3
• Bit encoding: according to ISO/IEC 14443-2
• Error code handling: handling is proprietary as error codes are formatted in half bytes.
• Command specification: commands are proprietary. Please use the specification as in
Ref. 3 and Ref. 4 and the additional commands which are only implemented in MIFARE
Plus EV1 as described in this document and in Ref. 1.
The following security levels can run on this protocol:
• Security Level 0
• Security Level 1
8.6.2 ISO/IEC 14443-4 Protocol
The ISO/IEC 14443-4 Protocol (also known as T=CL) is used in many processor cards.
This protocol is used for the MIFARE Plus EV1 with the following security levels:
• Security Level 0: all commands



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com