Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF1P4101DA6/02 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MF1P4101DA6/02
Description  MIFARE Plus EV1
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1P4101DA6/02 Datasheet(HTML) 5 Page - NXP Semiconductors

  MF1P4101DA6/02 Datasheet HTML 1Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 2Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 3Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 4Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 5Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 6Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 7Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 8Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
NXP Semiconductors
MF1P(H)x1y1
MIFARE Plus EV1
MF1P(H)x1y1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product short data sheet
Rev. 3.2 — 6 December 2018
COMPANY PUBLIC
366932
5 / 33
6 Block diagram
001aah389
RF
INTERFACE
UART
ISO/IEC
14443A
AES CRYPTO
CO-PROCESSOR
CPU/LOGIC UNIT
CRC
EEPROM
RAM
ROM
TRUE RANDOM
NUMBER
GENERATOR
CRYPTO1
SECURITY
SENSORS
POWER ON
RESET
VOLTAGE
REGULATOR
CLOCK
INPUT FILTER
RESET
GENERATOR
Figure 1. Block diagram
7 Pinning information
7.1 Pinning
001aam200
top view
LA
LB
Figure 2. Pin configuration of the contactless module (MOA4 and MOB6)
7.2 Pin description
Table 3. Pin description (MOA4 and MOB6)
Symbol
Pin
Description
LA
LA
antenna coil connection LA
LB
LB
antenna coil connection LB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com