Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX690AC/D Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX690AC/D
Description  Microprocessor Supervisory Circuits
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX690AC/D Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX690AC/D Datasheet HTML 2Page - Maxim Integrated Products MAX690AC/D Datasheet HTML 3Page - Maxim Integrated Products MAX690AC/D Datasheet HTML 4Page - Maxim Integrated Products MAX690AC/D Datasheet HTML 5Page - Maxim Integrated Products MAX690AC/D Datasheet HTML 6Page - Maxim Integrated Products MAX690AC/D Datasheet HTML 7Page - Maxim Integrated Products MAX690AC/D Datasheet HTML 8Page - Maxim Integrated Products MAX690AC/D Datasheet HTML 9Page - Maxim Integrated Products MAX690AC/D Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Detailed Description
Reset Output
A microprocessor’s (μP’s) reset input starts the μP in
a known state. When the μP is in an unknown state,
it should be held in reset. The MAX690A/MAX692A/
MAX802L/MAX802M assert reset during power-up and
prevent code execution errors during power-down or
brownout conditions.
On power-up, once VCC reaches 1V, RESET is
guaranteed to be a logic low. As VCC rises, RESET
remains low. When VCC exceeds the reset threshold,
an internal timer keeps RESET low for a time equal to
the reset pulse width; after this interval, RESET goes
high (Figure 2). If a brownout condition occurs (if VCC
dips below the reset threshold), RESET is triggered.
Each time RESET is triggered, it stays low for the reset
pulse width interval. Any time VCC goes below the reset
threshold, the internal timer restarts the pulse. If a brownout
condition interrupts a previously initiated reset pulse,
the reset pulse continues for another 200ms. On power-
down, once VCC goes below the threshold, RESET is
guaranteed to be logic low until VCC droops below 1V.
RESET is also triggered by a watchdog timeout. If a high
or low is continuously applied to the WDI pin for 1.6sec,
RESET pulses low. As long as RESET is asserted, the
watchdog timer remains clear. When RESET comes
high, the watchdog resumes timing and must be serviced
within 1.6sec. If WDI is tied high or low, a RESET pulse is
triggered every 1.8s (tWD plus tRS).
The MAX805L active-high RESET output is the inverse
of the MAX690A/MAX692A/MAX802L/MAX802M RESET
output, and is guaranteed to be valid with VCC down to
1.1V. Some μPs, such as Intel’s 80C51, require an active-
high reset pulse.
Watchdog Input
The watchdog circuit monitors the μP’s activity. If the μP
does not toggle the watchdog input (WDI) within 1.6sec,
a reset pulse is triggered. The internal 1.6sec timer is
cleared by either a reset pulse or by open circuiting the
WDI input. As long as reset is asserted or the WDI input
is open circuited, the timer remains cleared and does not
count. As soon as reset is released or WDI is driven high
or low, the timer starts counting. It can detect pulses as
short as 50ns.
Power-Fail Comparator
The PFI input is compared to an internal 1.25V reference.
If PFI is less than 1.25V, PFO goes low. The power-
fail comparator is intended for use as an undervoltage
detector to signal a failing power supply; it need not be
Figure 1. Block Diagram
Figure 2. Timing Diagram
0.8V
WATCHDOG
TIMER
PFO
RESET
(RESET)
VOUT
RESET
GENERATOR
BATTERY-SWITCHOVER
CIRCUITRY
1.25V
3.5V
VBATT
VCC
PFI
WDI
MAX690A
MAX692A
MAX802L
MAX802M
MAX805L
( ) ARE FOR MAX805L ONLY.
GND
1.25V
tRS
+5V
0V
VCC
0V
+5V
0V
RESET
+5V
0V
(RESET)
3.0V
3.0V
VOUT
+5V
0V
PFO
VBATT = PFI = 3.0V
IOUT = 0mA
( ) ARE FOR MAX805L ONLY.
MAX690A/MAX692A/
MAX802L/MAX802M/
MAX805L
Microprocessor Supervisory Circuits
www.maximintegrated.com
Maxim Integrated │ 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com