Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX690AC/D Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX690AC/D
Description  Microprocessor Supervisory Circuits
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX690AC/D Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX690AC/D Datasheet HTML 1Page - Maxim Integrated Products MAX690AC/D Datasheet HTML 2Page - Maxim Integrated Products MAX690AC/D Datasheet HTML 3Page - Maxim Integrated Products MAX690AC/D Datasheet HTML 4Page - Maxim Integrated Products MAX690AC/D Datasheet HTML 5Page - Maxim Integrated Products MAX690AC/D Datasheet HTML 6Page - Maxim Integrated Products MAX690AC/D Datasheet HTML 7Page - Maxim Integrated Products MAX690AC/D Datasheet HTML 8Page - Maxim Integrated Products MAX690AC/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
General Description
The MAX690A/MAX692A/MAX802L/MAX802M/MAX805L
reduce the complexity and number of components
required for power-supply monitoring and battery-
control functions in microprocessor (μP) systems. They
significantly improve system reliability and accuracy
compared to separate ICs or discrete components.
These parts provide four functions:
1) A reset output during power-up, power-down, and
brownout conditions.
2) Battery-backup switching for CMOS RAM, CMOS μP,
or other low-power logic.
3) A reset pulse if the optional watchdog timer has not
been toggled within 1.6s.
4) A 1.25V threshold detector for power-fail warning or
low-battery detection, or to monitor a power supply
other than +5V.
The parts differ in their reset-voltage threshold levels and
reset outputs. The MAX690A/MAX802L/MAX805L generate
a reset pulse when the supply voltage drops below 4.65V,
and the MAX692A/MAX802M generate a reset below 4.40V.
The MAX802L/MAX802M guarantee power-fail accuracies
to ±2%. The MAX805L is the same as the MAX690A except
that RESET is provided instead of RESET.
All parts are available in 8-pin DIP and SO packages.
The MAX690A/MAX802L are pin compatible with the
MAX690 and MAX694. The MAX692A/MAX802M are pin
compatible with the MAX692.
Applications
● Battery-Powered Computers and Controllers
● Intelligent Instruments
● Critical μP Power Monitoring
Features
● Precision Supply Voltage Monitor:
4.65V for MAX690A/MAX802L/MAX805L
4.40V for MAX692A/MAX802M
● Reset Time Delay: 200ms
● Watchdog Timer: 1.6s Timeout
● Battery-Backup Power Switching
● 200μA Quiescent Supply Current
● 50nA Quiescent Supply Current in Battery-
Backup Mode
● Voltage Monitor for Power-Fail or Low-Battery
Warning
● Power-Fail Accuracy Guaranteed to ±2%
(MAX802L/M)
● Guaranteed RESET Assertion to VCC = 1V
● 8-Pin SO and DIP Packages
19-4333; Rev 5; 4/15
Ordering Information continued at end of data sheet.
*Dice are specified at TA = +25°C
**Contact factory for availability and processing to MIL STD-
883. Devices in PDIP and SO packages are available in both
leaded and lead(Pb)-free packaging. Specify lead free by
adding the + symbol at the end of the part number when
ordering. Lead free not available for CERDIP package.
PART
TEMP RANGE
PIN-PACKAGE
MAX690ACPA
0°C to +70°C
8 Plastic DIP
MAX690ACSA
0°C to +70°C
8 SO
MAX690AC/D
0°C to +70°C
Dice*
MAX690AEPA
-40°C to +85°C
8 Plastic DIP
MAX690AESA
-40°C to +85°C
8 SO
MAX690AMJA
-55°C to +125°C
8 CERDIP**
VCC
VCC
NMI
I/O LINE GND
GND
BUS
CMOS
RAM
UNREGULATED
DC
REGULATED +5V
RESET
PFO
WDI
VOUT
GND
VBATT
VCC
PFI
R1
R2
0.1µF
3.6V
LITHIUM
BATTERY
MAX690A
MAX802L
µP
RESET
MAX690A/MAX692A/
MAX802L/MAX802M/
MAX805L
Microprocessor Supervisory Circuits
Typical Operating Circuit
Pin Configurations
Ordering Information
1
2
3
4
8
7
6
5
VBATT
RESET (RESET)
WDI
PFO
PFI
GND
VCC
VOUT
DIP/SO
TOP VIEW
MAX690A
MAX692A
MAX802L
MAX802M
MAX805L
( ) ARE FOR MAX805L ONLY.


Similar Part No. - MAX690AC/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX690AC/D MAXIM-MAX690AC/D Datasheet
98Kb / 12P
Microprocessor Supervisory Circuits
Rev 3; 9/93
MAX690AC/D MAXIM-MAX690AC/D Datasheet
570Kb / 12P
Microprocessor Supervisory Circuits
Rev 4; 12/05
More results

Similar Description - MAX690AC/D

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
Microprocessor Supervisory Circuits
REV.0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
Microprocessor Supervisory Circuits
REV.0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
Microprocessor Supervisory Circuits
REV.0
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM691AARN-REEL7 AD-ADM691AARN-REEL7 Datasheet
344Kb / 12P
Microprocessor Supervisory Circuits
REV. 0
ADM695ANZ AD-ADM695ANZ Datasheet
291Kb / 16P
Microprocessor Supervisory Circuits
REV. A
ADM691ARZ AD-ADM691ARZ Datasheet
291Kb / 16P
Microprocessor Supervisory Circuits
REV. A
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
Microprocessor Supervisory Circuits
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com