Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX690AC/D Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX690AC/D
Description  Microprocessor Supervisory Circuits
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX690AC/D Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX690AC/D Datasheet HTML 5Page - Maxim Integrated Products MAX690AC/D Datasheet HTML 6Page - Maxim Integrated Products MAX690AC/D Datasheet HTML 7Page - Maxim Integrated Products MAX690AC/D Datasheet HTML 8Page - Maxim Integrated Products MAX690AC/D Datasheet HTML 9Page - Maxim Integrated Products MAX690AC/D Datasheet HTML 10Page - Maxim Integrated Products MAX690AC/D Datasheet HTML 11Page - Maxim Integrated Products MAX690AC/D Datasheet HTML 12Page - Maxim Integrated Products MAX690AC/D Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
*Dice are specified at TA = +25°C
**Contact factory for availability and processing to MIL STD-
883. Devices in PDIP and SO packages are available in both
leaded and lead(Pb)-free packaging. Specify lead free by
adding the + symbol at the end of the part number when
ordering. Lead free not available for CERDIP package.
PART
TEMP RANGE
PIN-PACKAGE
MAX692ACPA
0°C to +70°C
8 Plastic DIP
MAX692ACSA
0°C to +70°C
8 SO
MAX692AC/D
0°C to +70°C
Dice*
MAX692AEPA
-40°C to +85°C
8 Plastic DIP
MAX692AESA
-40°C to +85°C
8 SO
MAX692AMJA
-55°C to +125°C
8 CERDIP**
MAX802LCPA
0°C to +70°C
8 Plastic DIP
MAX802LCSA
0°C to +70°C
8 SO
MAX802LEPA
-40°C to +85°C
8 Plastic DIP
MAX802LESA
-40°C to +85°C
8 SO
MAX802MCPA
0°C to +70°C
8 Plastic DIP
MAX802MCSA
0°C to +70°C
8 SO
MAX802MEPA
-40°C to +85°C
8 Plastic DIP
MAX802MESA
-40°C to +85°C
8 SO
MAX805LCPA
0°C to +70°C
8 Plastic DIP
MAX805LCSA
0°C to +70°C
8 SO
MAX805LC/D
0°C to +70°C
Dice*
MAX805LEPA
-40°C to +85°C
8 Plastic DIP
MAX805LESA
-40°C to +85°C
8 SO
MAX805LMJA
-55°C to +125°C
8 CERDIP**
RESET (RESET)
GND
VBATT
PFI
0.061"
(1.55mm)
0.078"
(1.98mm)
( ) ARE FOR MAX805L ONLY.
TRANSISTOR COUNT: 573;
SUBSTRATE MUST BE LEFT UNCONNECTED.
WDI
PFO
VCC
VOUT
MAX690A/MAX692A/
MAX802L/MAX802M/
MAX805L
Microprocessor Supervisory Circuits
www.maximintegrated.com
Maxim Integrated │ 12
Ordering Information (continued)
For the latest package outline information and land patterns, go
to www.maximintegrated.com/packages. Note that a “+”, “#”,
or “-” in the package code indicates RoHS status only. Package
drawings may show a different suffix character, but the drawing
pertains to the package regardless of RoHS status.
Package Information
PACKAGE
TYPE
PACKAGE e
CODE
OUTLINE
NO.
LAND
PATTERN NO.
8 PDIP
P8+1
21-0043
—
8 CDIP
J8+2
21-0045
—
8 SOIC
S8+2
21-0041
90-0096
Chip Topography



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com