Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX690AC/D Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX690AC/D
Description  Microprocessor Supervisory Circuits
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX690AC/D Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX690AC/D Datasheet HTML 4Page - Maxim Integrated Products MAX690AC/D Datasheet HTML 5Page - Maxim Integrated Products MAX690AC/D Datasheet HTML 6Page - Maxim Integrated Products MAX690AC/D Datasheet HTML 7Page - Maxim Integrated Products MAX690AC/D Datasheet HTML 8Page - Maxim Integrated Products MAX690AC/D Datasheet HTML 9Page - Maxim Integrated Products MAX690AC/D Datasheet HTML 10Page - Maxim Integrated Products MAX690AC/D Datasheet HTML 11Page - Maxim Integrated Products MAX690AC/D Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
When VBATT connects to VOUT, backup mode is
activated and the internal circuitry is powered from
the battery (Table 1). When VCC is just below VBATT,
the current drawn from VBATT is typically 30μA. When
VCC drops to more than 1V below VBATT, the internal
switchover comparator shuts off and the supply current
falls to less than 1μA.
Applications Information
Using a SuperCap as a Backup Power Source
SuperCaps are capacitors with extremely high
capacitance values, on the order of 0.1F. Figure 4 shows
a SuperCap used as a backup power source. Do not allow
the SuperCap’s voltage to exceed the maximum reset
threshold by more than 0.6V. In Figure 4’s circuit, the
SuperCap rapidly charges to within a diode drop of VCC.
However, after a long time, the diode leakage current
will pull the SuperCap voltage up to VCC. When using a
SuperCap with the MAX690A/MAX802L/MAX805L, VCC
may not exceed 4.75V + 0.6V = 5.35V.
Use the SuperCap circuit of Figure 5 with a MAX692A
or MAX802M and a ±10% supply. This circuit ensures
that the SuperCap only charges to VCC - 0.5V. At the
maximum VCC of 5.5V, the SuperCap charges up to 5.0V,
only 0.5V above the maximum reset threshold—well
within the requisite 0.6V.
Allowable Backup Power-Source Batteries
Lithium batteries work very well as backup batteries
due to very low self-discharge rates and high energy
density. Single lithium batteries with open-circuit volt-
ages of 3.0V to 3.6V are ideal. Any battery with an open-
circuit voltage less than the minimum reset threshold
plus 0.3V can be connected directly to the VBATT input of
the MAX690A/MAX692A/MAX802L/MAX802M/MAX805L
with no additional circuitry (see the Typical Operating
Circuit). However, batteries with open-circuit voltages
that are greater
cannot be used for backup, as current is
sourced into the substrate through the diode (D1 in Figure 3)
when VCC is close to the reset threshold.
Figure 5. Using a SuperCap as a Backup Power Source with
the MAX692A/MAX802M and a +5V ±10% Supply
Figure 6. Adding Hysteresis to the Power-Fail Comparator
Table 2. Allowable Backup-Battery
Voltages
(see Using a SuperCap as a Backup Power Source
section for use with a SuperCap)
PART NO.
MAXIMUM BACKUP-BATTERY
VOLTAGE (V)
MAX690A/
MAX802L/MAX805L
4.80
MAX692A/
MAX802M
4.55
VBATT
VCC
VOUT
RESET
GND
TO STATIC RAM
TO µP
0.1F
MAX692A
MAX802M
+5V
+
100kΩ
PFO
VCC
GND
TO µP
MAX690
MAX692A
MAX802L
MAX802M
MAX805L
+5V
R2
R1
R3
PFI
*OPTIONAL
+5V
0V
PFO
VL
VH
VTRIP
VIN
0V
VIN
C1*
VTRIP = 1.25/
R2
R1
+
=
R2 + R2
(
(
VIH = 1.25/
R2 || R3
R1 + R2 || R3
(
(
VL - 1.25
R3
5 - 1.25
R2
1.25
MAX690A/MAX692A/
MAX802L/MAX802M/
MAX805L
Microprocessor Supervisory Circuits
www.maximintegrated.com
Maxim Integrated │ 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com