Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX690AC/D Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX690AC/D
Description  Microprocessor Supervisory Circuits
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX690AC/D Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX690AC/D Datasheet HTML 3Page - Maxim Integrated Products MAX690AC/D Datasheet HTML 4Page - Maxim Integrated Products MAX690AC/D Datasheet HTML 5Page - Maxim Integrated Products MAX690AC/D Datasheet HTML 6Page - Maxim Integrated Products MAX690AC/D Datasheet HTML 7Page - Maxim Integrated Products MAX690AC/D Datasheet HTML 8Page - Maxim Integrated Products MAX690AC/D Datasheet HTML 9Page - Maxim Integrated Products MAX690AC/D Datasheet HTML 10Page - Maxim Integrated Products MAX690AC/D Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
dedicated to this function though, as it is completely
separate from the rest of the circuitry. The external volt-
age divider drives PFI to sense the unregulated DC input
to the +5V regulator (see Typical Operating Circuit). The
voltage-divider ratio can be chosen such that the voltage
at PFI falls below 1.25V just before the +5V regulator
drops out. PFO then triggers an interrupt which signals
the μP to prepare for power-down.
To conserve backup-battery power, the power-fail
detector comparator is turned off and PFO is forced low
when VBATT connects to VOUT.
Backup-Battery Switchover
In the event of a brownout or power failure, it may be
necessary to preserve the contents of RAM. With a back-
up battery installed at VBATT, the devices automatically
switch RAM to backup power when VCC fails.
As long as VCC exceeds the reset threshold, VOUT
connects to VCC through a 5Ω PMOS power switch.
Once VCC falls below the reset threshold, VCC or VBATT
(whichever is higher) switches to VOUT. Unlike the
MAX690/MAX692, the MAX690A/MAX692A/MAX802L/
MAX802M/MAX805L don’t always connect VBATT to
VOUT when VBATT is greater than VCC. VBATT connects
to VOUT (through an 80Ω switch) only when VCC is below
the reset threshold
and VBATT is greater than VCC.
When VCC exceeds the reset threshold, it is connected to
the MAX690A/MAX692A/MAX802L/MAX802M/MAX805L
substrate, regardless of the voltage applied to VBATT
(Figure 3). During this time, the diode (D1) between
VBATT and the substrate will conduct current from VBATT
to VCC if VBATT is 0.6V or greater than VCC.
Figure 3. Backup-Battery Switchover Block Diagram
Figure 4. Using a SuperCap as a Backup Power Source with a
MAX690A/MAX802L/MAX805L and a +5V ±5% Supply
Table 1. Wiper Position and Attenuation
SIGNAL
STATUS
VCC
Disconnected from VOUT
VOUT
Connected to VBATT through an internal
80Ω PMOS switch
VBATT
Connected to VOUT. Current drawn from
the battery is less than 1μA, as long as
VCC < VBATT - 1V.
PFI
Power-fail comparator is disabled.
PFO
Logic low
RESET
Logic low
RESET
Logic high (MAX805L only)
WDI
Watchdog timer is disabled
SW1/SW2 SW3/SW4
CONDITION
VCC > Reset Threshold
Open
Closed
Closed
Open
Open
Closed
VCC < Reset Threshold and
VCC > VBATT
VCC < Reset Threshold and
VCC < VBATT
RESET THRESHOLD = 4.65V IN MAX690A/MAX802L/MAX805L.
RESET THRESHOLD = 4.4V IN MAX692A/MAX802M
VOUT
D3
SUBSTRATE
D1
D2
SW2
SW1
SW4
SW3
VBATT
VCC
MAX690A
MAX692A
MAX802L
MAX802M
MAX805L
VBATT
VCC
VOUT
RESET
(RESET)
GND
TO STATIC RAM
TO µP
0.1F
MAX690A
MAX802L
MAX805L
+5V
+
( ) ARE FOR MAX805L ONLY.
MAX690A/MAX692A/
MAX802L/MAX802M/
MAX805L
Microprocessor Supervisory Circuits
www.maximintegrated.com
Maxim Integrated │ 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com