Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX690AC/D Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX690AC/D
Description  Microprocessor Supervisory Circuits
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX690AC/D Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX690AC/D Datasheet HTML 1Page - Maxim Integrated Products MAX690AC/D Datasheet HTML 2Page - Maxim Integrated Products MAX690AC/D Datasheet HTML 3Page - Maxim Integrated Products MAX690AC/D Datasheet HTML 4Page - Maxim Integrated Products MAX690AC/D Datasheet HTML 5Page - Maxim Integrated Products MAX690AC/D Datasheet HTML 6Page - Maxim Integrated Products MAX690AC/D Datasheet HTML 7Page - Maxim Integrated Products MAX690AC/D Datasheet HTML 8Page - Maxim Integrated Products MAX690AC/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
PIN
NAME
FUNCTION
MAX690A/MAX692A
MAX802L/MAX802M
MAX805L
1
1
VOUT
Supply Output for CMOS RAM. When VCC is above the reset threshold,
VOUT connects to VCC through a P-channel MOSFET switch. When
VCC is below the reset threshold, the higher of VCC or VBATT will be
connected to VOUT.
2
2
VCC
+5V Supply Input
3
3
GND
Ground
4
4
PFI
Power-Fail Comparator Input. When PFI is less than 1.25V, PFO goes
low. Connect PFI to GND or VCC when not used.
5
5
PFO
Power-Fail Output. When PFI is less than 1.25V, PFO goes low;
otherwise PFO stays high.
6
6
WDI
Watchdog Input. If WDI remains high or low for 1.6sec, the internal
watchdog timer runs out and reset is triggered. If WDI is left floating
or connected to a high-impedance three-state buffer, the watchdog
feature is disabled. The internal watchdog timer clears whenever reset is
asserted, WDI is three-stated, or WDI sees a rising or falling edge.
7
7
RESET
Reset Output. Whenever RESET is triggered, it pulses low for 200ms.
It stays low when VCC is below the reset threshold (4.65V in the
MAX690A/MAX802L and 4.4V in the MAX692A/MAX802M) and remains
low for 200ms after VCC rises above the reset threshold. A watchdog
timeout also triggers RESET.
—
—
RESET
Active-High Reset Output is the inverse of RESET. When RESET is
asserted, the RESET output voltage = VCC or VBATT, whichever is
higher.
8
8
VBATT
Backup-Battery Input. When VCC falls below the reset threshold, VBATT
will be switched to VOUT if VBATT is 20mV greater than VCC. When VCC
rises to 20mV above VBATT, VOUT will be reconnected to VCC. The
40mV hysteresis prevents repeated switching if VCC falls slowly.
MAX690A/MAX692A/
MAX802L/MAX802M/
MAX805L
Microprocessor Supervisory Circuits
www.maximintegrated.com
Maxim Integrated │ 5
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com