Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX20047AFPA/V+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX20047AFPA/V+
Description  Dual 3A USB DCP Charger
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20047AFPA/V+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX20047AFPA/V+ Datasheet HTML 3Page - Maxim Integrated Products MAX20047AFPA/V+ Datasheet HTML 4Page - Maxim Integrated Products MAX20047AFPA/V+ Datasheet HTML 5Page - Maxim Integrated Products MAX20047AFPA/V+ Datasheet HTML 6Page - Maxim Integrated Products MAX20047AFPA/V+ Datasheet HTML 7Page - Maxim Integrated Products MAX20047AFPA/V+ Datasheet HTML 8Page - Maxim Integrated Products MAX20047AFPA/V+ Datasheet HTML 9Page - Maxim Integrated Products MAX20047AFPA/V+ Datasheet HTML 10Page - Maxim Integrated Products MAX20047AFPA/V+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
(TA = +25°C)
Typical Operating Characteristics
50.00
55.00
60.00
65.00
70.00
75.00
80.00
85.00
90.00
95.00
100.00
0.00
1.00
2.00
3.00
4.00
5.00
6.00
LOAD CURRENT (A)
VOUT EFFICIENCY
toc01
VSUPSW = 8V
VSUPSW = 14V
VSUPSW = 36V
5.158
5.168
5.179
5.189
5.200
0.00
1.00
2.00
3.00
4.00
5.00
6.00
LOAD CURRENT (A)
VOUT LOAD REGULATION
VSUPSW = 14V
toc02
VSUPSW = 36V
VSUPSW = 8V
5.180
5.185
5.190
5.195
5.200
5.205
5.210
5.215
5.220
5
10
15
20
25
30
35
40
VSUPSW (V)
VOUT LINE REGULATION
toc03
0
10
20
30
40
50
60
5.150
5.170
5.190
5.210
5.230
5.250
VHVBUS1/HVBUS2 (V)
-40C
+25C
+125C
NO LOAD OUTPUT VOLTAGE
VSUPSW = 14V
toc04
0.000
0.500
1.000
1.500
2.000
2.500
0.0
50.0
100.0
150.0
RFOSC (kΩ)
SWITCHING FREQUENCY vs. RFOSC
toc05
0
5
10
15
20
25
30
35
40
45
388 390 392 394 396 398 400 402 404 406 408 410
SWITCHING FREQUENCY (kHz)
-40C
+25C
+125C
SWITCHING FREQUENCY
vs.
TEMPERATURE
toc06
RFOSC = 73.2kΩ
fSW = 400kHz
0
5
10
15
20
25
30
35
40
45
50
2.200 2.250 2.300 2.350 2.400 2.450 2.500
SWITCHING FREQUENCY (kHz)
-40C
+25C
+125C
SWITCHING FREQUENCY vs.
TEMPERATURE
toc07
RFOSC = 12.1kΩ
fSW = 2.2MHz
MAX20047
Dual 3A USB DCP Charger
Maxim Integrated │ 7
www.maximintegrated.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com