Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX20047AFPA/V+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX20047AFPA/V+
Description  Dual 3A USB DCP Charger
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20047AFPA/V+ Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX20047AFPA/V+ Datasheet HTML 1Page - Maxim Integrated Products MAX20047AFPA/V+ Datasheet HTML 2Page - Maxim Integrated Products MAX20047AFPA/V+ Datasheet HTML 3Page - Maxim Integrated Products MAX20047AFPA/V+ Datasheet HTML 4Page - Maxim Integrated Products MAX20047AFPA/V+ Datasheet HTML 5Page - Maxim Integrated Products MAX20047AFPA/V+ Datasheet HTML 6Page - Maxim Integrated Products MAX20047AFPA/V+ Datasheet HTML 7Page - Maxim Integrated Products MAX20047AFPA/V+ Datasheet HTML 8Page - Maxim Integrated Products MAX20047AFPA/V+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
SUPSW, HVEN to PGND......................................-0.3V to +40V
LX to PGND..........................................-0.3V to VSUPSW + 0.3V
BIAS to Ground ....................................................-0.3V to +6.0V
COMP to Ground......................................-0.3V to VBIAS + 0.3V
G_DMOS to Ground...........................................-0.3V to +16.0V
AGND to PGND....................................................-0.3V to +0.3V
PV to PGND ..........................................................-03V to +6.0V
OUT to PGND .........................................................-0.3V to VPV
BST to LX.............................................................-0.3V to +6.0V
S_DMOS1, S_DMOS2 to Ground...........................-0.3V to VPV
ILIM, CONFIG, FOSC to Ground .............-0.3V to VBIAS + 0.3V
HVDP1, HVDP2, HVPM1, HVDM2 to Ground......-0.3V to +18V
LX Continuous Current............................................................8A
Continuous Power Dissipation (TA = +70°C)
(Single-Layer Board
derate 13.2mW/°C over +70°C) .............................1052.6mW
Operating Temperature Range......................... -40°C to +125°C
Maximum Junction Temperature .....................................+150°C
Storage Temperature Range..............................-60°C to+150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow).......................................+260°C
FC2-QFN
Junction-to-Ambient Thermal Resistance (θJA) ..........36°C/W
Junction-to-Case Thermal Resistance (θJC).....................2°C/W
(Note 1)
(TA = -40ºC to +125ºC. Typical values are at VSUPSW = +14V and TA = +25ºC, unless otherwise noted.) (Note 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VSUP
3.5
36
V
Load-Dump-Event Supply
Voltage
VSUP_LD
tLD < 1s
40
V
Shutdown Supply Current
ISHDN
VSUPSW = 14V; HVEN = 0V,
off state
6
15
µA
BIAS Regulator Voltage
(Nominal)
VBIAS
VSUPSW = 14V, IBIAS < 10mA,
BIAS not switched over to VOUT
4.7
4.96
5.45
V
BIAS Undervoltage Lockout
(Rising)
VUV_BIAS_R
VBIAS rising
2.7
3
3.3
V
BIAS Undervoltage Lockout
(Falling)
VUV_BIAS_F
2.5
V
BIAS Current Limit
IBIAS
50
mA
PACKAGE TYPE
PACKAGE CODE
OUTLINE NO.
LAND PATTERN NO.
20 FC2-QFN
F203A5F+1
21-100124
90-100045
Note 1: Thermal resistance can be lowered with improved board design.
Note 2: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Package Thermal Characteristics
Electrical Characteristics
Package Information
For the latest package outline information and land patterns (footprints), go to
www.maximintegrated.com/packages. Note that a “+”,
“#”, or “-” in the package code indicates RoHS status only. Package drawings may show a different suffix character, but the drawing
pertains to the package regardless of RoHS status.
MAX20047
Dual 3A USB DCP Charger
www.maximintegrated.com
Maxim Integrated │ 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com