Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX20047AFPA/V+ Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX20047AFPA/V+
Description  Dual 3A USB DCP Charger
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20047AFPA/V+ Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX20047AFPA/V+ Datasheet HTML 9Page - Maxim Integrated Products MAX20047AFPA/V+ Datasheet HTML 10Page - Maxim Integrated Products MAX20047AFPA/V+ Datasheet HTML 11Page - Maxim Integrated Products MAX20047AFPA/V+ Datasheet HTML 12Page - Maxim Integrated Products MAX20047AFPA/V+ Datasheet HTML 13Page - Maxim Integrated Products MAX20047AFPA/V+ Datasheet HTML 14Page - Maxim Integrated Products MAX20047AFPA/V+ Datasheet HTML 15Page - Maxim Integrated Products MAX20047AFPA/V+ Datasheet HTML 16Page - Maxim Integrated Products MAX20047AFPA/V+ Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
PIN
NAME
FUNCTION
1
SRC_DMOS1
External DMOS Source Input. Connect to the source of the external n-channel DMOS device.
Connect a 1µF ceramic capacitor between the SRC_DMOS2 pin and ground.
2
PV
SRC_DMOS1 and SRC_DMOS2 High-Side Current-Limited Switching-Supply Input. Connect PV to
the DC-DC converter output (e.g., OUT). Connect a 47µF capacitor between PV and ground.
3
OUT
Synchronous Buck Feedback Voltage-Sense Input. Connect OUT to the output of the DC-DC
converter.
4
FOSC
Synchronous Buck Switching-Frequency Setting. Connect a resistor between FOSC and ground to
set the switching frequency.
5
ILIM
Synchronous Switching Power-MOSFET Forward-Current-Limit Set Point. Connect a resistor
between ILIM and ground to set the current limit.
6
BST
Bootstrap Capacitor for the High-Side Power-MOSFET Driver. Connect a 0.1µF capacitor between
BST and LX.
7
LX
Synchronous Buck Converter Output. Connect to the switched-side of the power inductor.
8
PGND
Power Ground. Ground return for the internal low-side power MOSFET.
9
SUPSW
Bias Supply Input and Internal High-Side Switch Supply. Connect a 47µF ceramic capacitor at the
board edge. Connect a 10µF capacitor between SUPSW and PGND, as close as possible to the
device.
10
HVEN
Active-High Enable Input for the Device (BIAS, DC-DC). HVEN is high-voltage compatible. Drive
HVEN high to initiate the startup sequence and enable normal operation.
11
BIAS
5V Bias LDO Output. Connect a 2.2µF ceramic capacitor between BIAS and ground, as close as
possible to the pin.
12
SRC_DMOS2
External DMOS Source Input. Connect to the source of the external n-channel DMOS device.
Connect a 1µF ceramic capacitor between the SRC_DMOS2 pin and ground.
13
COMP
Error-Amplifier Output. Connect an RC network from COMP to ground for stable operation. See the
Compensation Network section more details.
14
AGND
Analog Ground Return
15
G_DMOS
DMOS Gate-Drive Output. Connect to the gates of the external n-channel DMOS devices.
16
CONFIG
Sets the Hold Startup Configuration. Connect a resistor to ground for target operation (see Table 4)
17
HVDP1
Protected USB1 D+ Connection. Connect HVDP1 to the D+ pin on the USB1 connector.
18
HVDM1
Protected USB1 D- Connection. Connect HVDM1 to the D- pin on the USB1 connector.
19
HVDP2
Protected USB2 D+ Connection. Connect HVDP2 to the D+ pin on the USB2 connector.
20
HVDM2
Protected USB2 D- Connection. Connect HVDM2 to the D- pin on the USB2 connector.
Pin Description
MAX20047
Dual 3A USB DCP Charger
www.maximintegrated.com
Maxim Integrated │ 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com