Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX20047AFPA/V+ Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX20047AFPA/V+
Description  Dual 3A USB DCP Charger
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20047AFPA/V+ Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX20047AFPA/V+ Datasheet HTML 17Page - Maxim Integrated Products MAX20047AFPA/V+ Datasheet HTML 18Page - Maxim Integrated Products MAX20047AFPA/V+ Datasheet HTML 19Page - Maxim Integrated Products MAX20047AFPA/V+ Datasheet HTML 20Page - Maxim Integrated Products MAX20047AFPA/V+ Datasheet HTML 21Page - Maxim Integrated Products MAX20047AFPA/V+ Datasheet HTML 22Page - Maxim Integrated Products MAX20047AFPA/V+ Datasheet HTML 23Page - Maxim Integrated Products MAX20047AFPA/V+ Datasheet HTML 24Page - Maxim Integrated Products MAX20047AFPA/V+ Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
ESD Protection
The IC requires no external ESD protection. All Maxim
devices incorporate ESD protection structures to protect
against electrostatic discharges encountered during han-
dling, assembly, and system-level operation. When used
with the configuration shown in the Typical Application
Circuit, the IC is characterized for protection to the fol-
lowing limits:
● ±25kV ISO 10605 Air Gap
● ±8kV ISO 10605 Contact Discharge
● ±15kV IEC 61000-4-2 Air Gap
● ±8kV IEC 61000-4-2 Contact Discharge
● ±15kV 330Ω, 330pF Air Gap
● ±8kV 330Ω, 330pF Contact Discharge
Note: All application-level ESD testing is performed on
the standard evaluation kit.
ESD Test Conditions
ESD performance depends on a variety of conditions.
Contact Maxim for test setup, test methodology, and test
results.
Human Body Model
Figure 4 shows the Human Body Model and Figure
5 shows the current waveform it generates when dis-
charged into a low impedance. This model consists of a
100pF capacitor charged to the ESD voltage of interest,
which is then discharged into the device through a 1.5kΩ
resistor.
IEC 61000-4-2
The IEC 61000-4-2 standard covers ESD testing and
performance of finished equipment. The IC helps users
design equipment that meet Level 4 of IEC 61000-4-2.
The main difference between tests done using the Human
Body Model and IEC 61000-4-2 is higher peak current
in IEC 61000-4-2. Because series resistance is lower in
the IEC 61000-4-2 ESD test model (Figure 4), the ESD
withstand voltage measured to this standard is generally
lower than that measured using the Human Body Model
(Figure 5). Figure 6 shows the current waveform for the
±8kV, IEC 61000-4-2 Level 4, ESD Contact Discharge
test. The Air Gap Discharge test involves approaching
the device with a charged probe. The Contact Discharge
method connects the probe to the device before the probe
is energized.
Figure 4. IEC 61000-4-2 ESD Test Model
Figure 5. Human Body Current Waveform
Figure 6. IEC 61000-4-2 ESD Generator Current Waveform
RC
1MΩ
DEVICE
UNDER
TEST
HIGH-
VOLTAGE
DC
SOURCE
STORAGE
CAPACITOR
CS
100pF
CHARGE
CURRENT-LIMIT
RESISTOR
RD
1.5kΩ
DISCHARGE
RESISTANCE
IPEAK (AMPS)
100%
90%
10%
tRL
tDL
t
36.8%
0
0
IR
100%
90%
10%
tR = 0.7ns
TO 1ns
30ns
60ns
t
IPEAK (AMPS)
MAX20047
Dual 3A USB DCP Charger
www.maximintegrated.com
Maxim Integrated │ 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com