Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX20047AFPA/V+ Datasheet(PDF) 28 Page - Maxim Integrated Products

Part # MAX20047AFPA/V+
Description  Dual 3A USB DCP Charger
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20047AFPA/V+ Datasheet(HTML) 28 Page - Maxim Integrated Products

Back Button MAX20047AFPA/V+ Datasheet HTML 21Page - Maxim Integrated Products MAX20047AFPA/V+ Datasheet HTML 22Page - Maxim Integrated Products MAX20047AFPA/V+ Datasheet HTML 23Page - Maxim Integrated Products MAX20047AFPA/V+ Datasheet HTML 24Page - Maxim Integrated Products MAX20047AFPA/V+ Datasheet HTML 25Page - Maxim Integrated Products MAX20047AFPA/V+ Datasheet HTML 26Page - Maxim Integrated Products MAX20047AFPA/V+ Datasheet HTML 27Page - Maxim Integrated Products MAX20047AFPA/V+ Datasheet HTML 28Page - Maxim Integrated Products MAX20047AFPA/V+ Datasheet HTML 29Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
Note: For variants with different options, contact factory.
/V+ denotes an automotive qualified part.
+Denotes a lead(Pb)-free/RoHS-compliant package.
PART
TEMP RANGE
PIN-PACKAGE
SPREAD SPECTRUM
MAX20047AFPA/V+
-40°C to +125°C
20 FC-2QFN
Yes
MAX20047AFPB/V+
-40°C to +125°C
20 FC-2QFN
No
Ordering Information
Chip Information
PROCESS: CMOS
MAX20047
Dual 3A USB DCP Charger
www.maximintegrated.com
Maxim Integrated │ 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com