Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX20047AFPA/V+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX20047AFPA/V+
Description  Dual 3A USB DCP Charger
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20047AFPA/V+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX20047AFPA/V+ Datasheet HTML 1Page - Maxim Integrated Products MAX20047AFPA/V+ Datasheet HTML 2Page - Maxim Integrated Products MAX20047AFPA/V+ Datasheet HTML 3Page - Maxim Integrated Products MAX20047AFPA/V+ Datasheet HTML 4Page - Maxim Integrated Products MAX20047AFPA/V+ Datasheet HTML 5Page - Maxim Integrated Products MAX20047AFPA/V+ Datasheet HTML 6Page - Maxim Integrated Products MAX20047AFPA/V+ Datasheet HTML 7Page - Maxim Integrated Products MAX20047AFPA/V+ Datasheet HTML 8Page - Maxim Integrated Products MAX20047AFPA/V+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
General Description
The MAX20047 is an automotive-grade, low-cost, small-
footprint dual-port charger IC designed for automotive
charging applications. It combines a fully synchronous 6A
step-down buck converter with integrated high-side and low-
side FETs capable of operating with input voltages from 3.5V
to 36V and delivering 5.2V output voltage. The IC features
integrated iPod®/iPhone® 1.0A and iPad® 2.1A dedicated
charging modes.
The IC delivers up to 3A of charging current with 93%
efficiency per port through integrated switches with
programmable current limit and thermal foldback control.
The buck converter switching frequency is programmable
from 0.4MHz to 2.2MHz. Short-to-ground protection and
overcurrent protection are also provided on the protected
HVBUS outputs to protect the internal BUS power rail from
an overcurrent fault. The MAX20047 offers short-to-battery
up to +18V and can also be ordered with spread-spectrum
operation to reduce EMI.
Applications
● USB Dedicated Charging Ports (DCP)
● Automotive Cigarette Lighter Adapters
● Power Supply for Linear Chargers
Benefits and Features
● Operating VIN Range of 3.5V to 36V
● 40V Load-Dump Protection
● Synchronous DC-DC Converter with Integrated FETs
● 93% Charge Efficiency at 3A Charging
● 0.4MHz to 2.2MHz Programmable Switching
Frequency by External Pin Settings
● Spread-Spectrum Operation
● Fixed 8ms Internal Soft-Start
● 5.20V Output
● 99% Duty-Cycle Operation with Low Dropout
● ±2% Output-Voltage Accuracy
● Input System Overvoltage and Short-Circuit
Protection
● Accurate SRC_DMOS Current Limiting with Minimal
Voltage Drop
• Low RON 15mΩ Dual USB Power Switches
• Adjustable SRC_DMOS Current Limit by External
Pin Settings
• Integrated Current Sensing
● Thermal Regulation and Thermal Shutdown
● Dual Autonomous Battery-Charging Ports with
Portable Device Detection
• Integrated Apple® 2.4A, 2.1A, 1.0A Detection
• Integrated Samsung® Detection
• Integrated DCP Detection
● Robust for the Automotive Environment
• Short-to-Battery and Short-to-Ground Protection on
Protected SRC_DMOS Output
• Short-to-Battery and Short-to-PV Protection on
Protected HVDP1, HVDM1, HVDP2, and HVDM2
Inputs
• Tested to ISO 10605 and IEC 61000-4-2 ESD
Standards
• 20-Pin (5.0mm x 3.5mm) FC2-QFN Package
• -40°C to +125°C Operating Temperature Range
• AEC-Q100 Qualified
Ordering Information appears at end of data sheet.
iPod, iPhone, iPad, and Apple are registered trademarks of
Apple Inc.
19-100165; Rev 0; 9/17
Samsung is a registered trademark of Samsung Electronics
Co., Ltd.
MAX20047
Dual 3A USB DCP Charger


Similar Part No. - MAX20047AFPA/V+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX20047 MAXIM-MAX20047 Datasheet
102Kb / 1P
Configurable Charge-Detection Modes
MAX20047EVKIT MAXIM-MAX20047EVKIT Datasheet
102Kb / 1P
Configurable Charge-Detection Modes
More results

Similar Description - MAX20047AFPA/V+

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9521 XICOR-X9521 Datasheet
434Kb / 26P
Dual DCP, EEPROM Memory
logo
Intersil Corporation
X9525 INTERSIL-X9525_06 Datasheet
366Kb / 24P
Dual DCP, EEPROM Memory
January 3, 2006
logo
Maxim Integrated Produc...
MAX14667 MAXIM-MAX14667 Datasheet
558Kb / 9P
Dual USB Charger Adapter Emulator
Rev 0; 6/13
logo
Texas Instruments
BQ24295 TI1-BQ24295 Datasheet
1Mb / 45P
I2C Controlled 3A Single Cell USB Charger
BQ24296 TI1-BQ24296 Datasheet
1Mb / 48P
I2C Controlled 3A Single Cell USB Charger
BQ24297 TI1-BQ24297 Datasheet
1Mb / 48P
I2C Controlled 3A Single Cell USB Charger
BQ24296M TI1-BQ24296M Datasheet
1Mb / 51P
Controlled 3A Single Cell USB Charger
BQ24298 TI1-BQ24298 Datasheet
1Mb / 51P
Controlled 3A Single Cell USB Charger
logo
SHANGHAI BELLING CO., L...
BL2513A BELLING-BL2513A Datasheet
524Kb / 12P
USB dedicated charging port (DCP) controller
logo
Anpec Electronics Corop...
APW7264 ANPEC-APW7264 Datasheet
512Kb / 38P
I2C Controlled 3A Single Cell USB Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com