Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CBF18501 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PI6CBF18501
Description  Very Low Power 5-Output PCIe Fanout Buffer With On-chip Termination
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI6CBF18501 Datasheet(HTML) 1 Page - Diodes Incorporated

  PI6CBF18501 Datasheet HTML 1Page - Diodes Incorporated PI6CBF18501 Datasheet HTML 2Page - Diodes Incorporated PI6CBF18501 Datasheet HTML 3Page - Diodes Incorporated PI6CBF18501 Datasheet HTML 4Page - Diodes Incorporated PI6CBF18501 Datasheet HTML 5Page - Diodes Incorporated PI6CBF18501 Datasheet HTML 6Page - Diodes Incorporated PI6CBF18501 Datasheet HTML 7Page - Diodes Incorporated PI6CBF18501 Datasheet HTML 8Page - Diodes Incorporated PI6CBF18501 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
www.diodes.com
October 2020
Diodes Incorporated
PI6CBF18501
Document Number DS43130 Rev 2-2
Very Low Power 5-Output PCIe Fanout Buffer With On-chip Termination
A Product Line of
Diodes Incorporated
PI6CBF18501
b
P
Lead-free Green
Features
Î
Î
1.8V supply voltage
Î
Î
HCSL input
Î
Î
5-differentiallowpowerHCSLoutputswithon-chiptermination
Î
Î
Individual output enable
Î
Î
Programmable slew rate and output amplitude for each output
through SMBus
Î
Î
3.3V tolerant SMBus interface support
Î
Î
Very low jitter outputs
Î
ß
Differential cycle-to-cycle jitter <50ps
Î
ß
Differential output-to-output skew <50ps
Î
ß
PCIe Gen1/Gen2/Gen3/Gen4 compliant
Î
Î
Support industrial temperature range: -40oC to 85oC
Î
Î
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Î
Î
Halogen- and Antimony-Free. “Green” Device (Note 3)
Î
Î
For automotive applications requiring specific change control
(i.e. parts qualified to AEC-Q100/101/200, PPAP capable, and
manufacturedinIATF16949certifiedfacilities),pleasecontact
us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Î
Î
Packaging (Pb-free & Green):
Î
ß
40-lead 5×5mm TQFN
Description
The PI6CBF18501 is a 5-output, very low power PCIe Gen1/Gen2/
Gen3/Gen4 clock buffer. The device takes a reference input to
fanout100MHzlowpowerdifferentialHCSLoutputswithon-chip
terminations. The on-chip termination saves 24 external resistors
andmakeslayouteasier.IndividualOEpinsforeachoutputprovides
easier power management.
The device uses Diodes' proprietary design to achieve very low
jitter that meets PCIe Gen1/Gen2/Gen3/Gen4 requirements. It
provides various advanced options, such as different slew rates
and amplitudes through SMBus so users can easily configure the
device to achieve the optimized performance for their individual
boards.
Block Diagram
IN+
IN-
SCLK
SDATA
OE[4:0]#
CTRL
LOGIC
Q0
Q1
Q2
Q3
Q4
SADR_TRI
PD#
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and <1000ppm
antimony compounds.


Similar Part No. - PI6CBF18501

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI6CB184Q DIODES-PI6CB184Q Datasheet
889Kb / 17P
4-Output PCIe Gen 4 Clock Buffer for Automotive Applications
Rev 4 - 2 September 2022
PI6CB184Q1ZHQEX DIODES-PI6CB184Q1ZHQEX Datasheet
889Kb / 17P
4-Output PCIe Gen 4 Clock Buffer for Automotive Applications
Rev 4 - 2 September 2022
PI6CB184Q2ZHQEX DIODES-PI6CB184Q2ZHQEX Datasheet
889Kb / 17P
4-Output PCIe Gen 4 Clock Buffer for Automotive Applications
Rev 4 - 2 September 2022
PI6CB18601 DIODES-PI6CB18601 Datasheet
1Mb / 17P
Very Low Power 6-Output PCIe Clock Buffer With On-chip Termination
June 2020
PI6CB18601ZLAIEX-13R DIODES-PI6CB18601ZLAIEX-13R Datasheet
1Mb / 17P
Very Low Power 6-Output PCIe Clock Buffer With On-chip Termination
June 2020
More results

Similar Description - PI6CBF18501

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBU0531 IDT-9DBU0531_17 Datasheet
213Kb / 17P
5-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
logo
Diodes Incorporated
PI6CG33402C DIODES-PI6CG33402C Datasheet
1Mb / 24P
3.3V Very-Low Power 4-Output PCIe Clock Generator With On-chip Termination
January 2020
PI6CG15401 DIODES-PI6CG15401 Datasheet
1Mb / 18P
Ultra Low Power 4-Output PCIe Clock Generator With On-chip Termination
Rev 3 - 2 January 2022
PI6CG33201C DIODES-PI6CG33201C Datasheet
1Mb / 24P
3.3V Very Low Power 2-Output PCIe Clock Generator With On-chip Termination
Rev 3 - 2 January 2020
PI6CG33202C DIODES-PI6CG33202C Datasheet
1Mb / 24P
3.3V Very Low Power 2-Output PCIe Clock Generator With On-chip Termination
Rev 3 - 2 January 2020
PI6CG33401C DIODES-PI6CG33401C Datasheet
1Mb / 24P
3.3V Very-Low-Power 4-Output PCIe Clock Generator With On-Chip Termination
Rev 3 - 2 January 2020
PI6CG33801C DIODES-PI6CG33801C Datasheet
1Mb / 24P
3.3V Very Low Power 8-Output PCIe Clock Generator With On-chip Termination
Rev 3 - 2 January 2020
PI6CG33802C DIODES-PI6CG33802C Datasheet
1Mb / 24P
3.3V Very Low Power 8-Output PCIe Clock Generator With On-Chip Termination
January 2020
logo
Renesas Technology Corp
9DBU0531 RENESAS-9DBU0531 Datasheet
407Kb / 18P
5-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
MARCH 9, 2017
9DBL09X1 RENESAS-9DBL09X1 Datasheet
577Kb / 20P
9-Output 3.3V PCIe Fanout Buffer
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com