Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2450ACPZ-5-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADP2450ACPZ-5-R7
Description  Power Management IC for Circuit Breaker Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2450ACPZ-5-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADP2450ACPZ-5-R7 Datasheet HTML 20Page - Analog Devices ADP2450ACPZ-5-R7 Datasheet HTML 21Page - Analog Devices ADP2450ACPZ-5-R7 Datasheet HTML 22Page - Analog Devices ADP2450ACPZ-5-R7 Datasheet HTML 23Page - Analog Devices ADP2450ACPZ-5-R7 Datasheet HTML 24Page - Analog Devices ADP2450ACPZ-5-R7 Datasheet HTML 25Page - Analog Devices ADP2450ACPZ-5-R7 Datasheet HTML 26Page - Analog Devices ADP2450ACPZ-5-R7 Datasheet HTML 27Page - Analog Devices ADP2450ACPZ-5-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
ADP2450
Data Sheet
Rev. B | Page 24 of 40
OPERATIONAL AMPLIFIER
The operational amplifier is a low offset amplifier. The amplifier
is used for leakage current detection in circuit breaker application.
Figure 67 shows the circuit configuration with the operational
amplifier for leakage current detection as well as R1 and R2. The
output voltage of the operational amplifier is calculated with the
following equation:
2
5
1
2
REF
LK
EOUT
ZCT
VI
R
VR
NR

where:
VEOUT5 is the voltage on the EOUT5 pin.
VREF is the external reference voltage.
ILK is the leakage current.
N is the turn ratio of the zero-current transformer (ZCT).
RZCT is the current sense resistor at the secondary side of the ZCT.
EA5
EIN5_N
EIN5_P
ADP2450
EOUT5
VREF
R2
2R2
R1
R1
RZCT
2R2
ZCT
1:N
ILK
+
Figure 67. Typical Configuration for Leakage Current Detection
ANALOG TRIP PROTECTION
The ADP2450 integrates an analog trip circuit for fast
protection in circuit breaker applications. The analog trip
circuit monitors the output of each PGA. When any of the four
PGA outputs exceeds the analog trip threshold, VTRP or VTRPL,
for the deglitch time, tTRP, the analog trip protection is triggered.
Two programmable analog trip thresholds, VTRP and VTRPL,
support both half-sinusoid and bipolar sinusoid input signal
application. VTRP is the high threshold and VTRPL is the low
threshold. The PGAx output signal is compared with the two
analog trip thresholds. If the PGAx output signal is either
higher than VTRP or lower than VTRPL, the analog trip protection
is triggered as shown in Figure 68.
AVDD
EINx
ADP2450
0
INPUT
SIGNAL
PGAx
VTRP
VCOM/2
OUTPUT
SIGNAL
EOUTx
AVDD
VTRPL
ANALOG
TRIP
Figure 68. Analog Trip Circuit
The analog trip thresholds are programmable with external
resistors and can be calculated using the following equations:
 
 
V0.01
TRP
TRP
VR

 
 

V0.01
TRPL
TRPL
VR
where:
VTRP is the high analog trip threshold voltage.
VTRPL is the low analog trip threshold voltage.
RTRP is the resistance connected between the VTRP pin and
ground.
RTRPL is the resistance connected between the VTRPL pin and
ground.
Note that there are limitations when choosing the RTRP and RTRPL
values to set the analog trip thresholds. The following
requirements must be met.
For RTRP selection,

0.5
100  kΩ
TRP
VREG
RV

and

0.1
100  kΩ
TRP
AVDD
RV

For RTRP selection,
 
30
TRPL
R
If the analog trip function is not used, connect both VTRP and
VTRPL to VREG to disable the analog trip function.
In the CT current sense application where the input signal is
half-sinusoid, only VTRP, the high analog trip threshold, is
needed. Connect VTRPL to VREG to disable VTRPL, the low analog
trip threshold. Connect RCOM and VCOM to ground in this
CT current sense application.
ACTUATOR DRIVER
The actuator driver receives the input signal either from the
TRG pin or from the output of the analog trip control circuit.
The driver also provides the gate drive voltage for the external
thyristor through the GATE pin, as shown in Figure 69. When
the analog trip protection is triggered, the analog trip control
circuit outputs a 10 ms high, 6 ms low pulse signal. This pulse
signal performs an OR logic with the signal on the TRG pin and
inputs to the actuator driver circuit to provide the gate drive
signal for the external thyristor or MOSFET. During this 16 ms
period, the 10 ms high, 6 ms low pulse signal, any analog trip
signal is ignored. If the analog trip signal is still active after the
16 ms period, another pulse that is 10 ms high, 6 ms low is
generated. If the analog trip signal is cleared after the 16 ms
period, the output of the analog trip control circuit latches to
low. The GATE pin can be pulled up to VREG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com