Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2450ACPZ-5-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP2450ACPZ-5-R7
Description  Power Management IC for Circuit Breaker Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2450ACPZ-5-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP2450ACPZ-5-R7 Datasheet HTML 7Page - Analog Devices ADP2450ACPZ-5-R7 Datasheet HTML 8Page - Analog Devices ADP2450ACPZ-5-R7 Datasheet HTML 9Page - Analog Devices ADP2450ACPZ-5-R7 Datasheet HTML 10Page - Analog Devices ADP2450ACPZ-5-R7 Datasheet HTML 11Page - Analog Devices ADP2450ACPZ-5-R7 Datasheet HTML 12Page - Analog Devices ADP2450ACPZ-5-R7 Datasheet HTML 13Page - Analog Devices ADP2450ACPZ-5-R7 Datasheet HTML 14Page - Analog Devices ADP2450ACPZ-5-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
Data Sheet
ADP2450
Rev. B | Page 11 of 40
Pin No.
Mnemonic
Description
LFCSP
32-Lead
LQFP
48-Lead
22
33
GAIN0
Gain Setting for Programmable Gain Amplifier 1 to Amplifier 4. This pin is combined with
GAIN1 to set the gain of the amplifier.
23
34
RSTO
Reset Output (Open Drain). Connect this pin to a resistor to any pull-up voltage < 5.5 V.
24
35
FB2
Feedback Voltage Sense Input for Buck Regulator. Connect this pin to a resistor divider from
buck output voltage, VOUT2, for adjustable version. For the fixed output version, connect this
pin to VOUT2 directly.
25
38
PGND2
Power Ground for Buck Regulator.
26
39
SW
Switch Node for Buck Regulator.
27
40
VIN
Power Input for Buck Regulator and Internal VREG. This voltage is monitored by the power
detection circuit. Connect a bypass capacitor between this pin and PGND2.
28
41
BST
Supply Rail for the Gate Drive of Buck. Place a 0.1 μF capacitor between SW and BST.
29
43
DET
Power Detection Output.
30
44
VPTH
Power Detection Voltage Threshold Setting. Connect a resistor between this pin and ground
to set the power rating detection voltage threshold.
31
45
FB1
Feedback Voltage Sense Input for boost shunt. Connect this pin to a resistor divider from VOUT1.
32
47
DRV
Boost Shunt Driver.
1, 5, 12, 14,
17, 20, 24, 25,
30, 31, 36, 37,
42, 46, 48
NIC
Not Internally Connected. Leave the pin open.
33
EP
Exposed Pad. Solder the exposed pad to an external GND plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com