Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2450ACPZ-5-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP2450ACPZ-5-R7
Description  Power Management IC for Circuit Breaker Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2450ACPZ-5-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP2450ACPZ-5-R7 Datasheet HTML 14Page - Analog Devices ADP2450ACPZ-5-R7 Datasheet HTML 15Page - Analog Devices ADP2450ACPZ-5-R7 Datasheet HTML 16Page - Analog Devices ADP2450ACPZ-5-R7 Datasheet HTML 17Page - Analog Devices ADP2450ACPZ-5-R7 Datasheet HTML 18Page - Analog Devices ADP2450ACPZ-5-R7 Datasheet HTML 19Page - Analog Devices ADP2450ACPZ-5-R7 Datasheet HTML 20Page - Analog Devices ADP2450ACPZ-5-R7 Datasheet HTML 21Page - Analog Devices ADP2450ACPZ-5-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
ADP2450
Data Sheet
Rev. B | Page 18 of 40
4.980
4.940
4.945
4.965
4.955
4.975
4.960
4.950
4.970
TEMPERATURE (°C)
–40
–20
0
20406080
100
120
Figure 41. Op Amp Output High Voltage vs. Temperature
80
–40
40
60
0
–20
20
150
–150
50
100
–50
–100
0
FREQUENCY (Hz)
1k
10k
100k
10M
1M
GAIN
PHASE
RL = 10kΩ
CL = 10pF
Figure 42. Op Amp Open-Loop Gain and Phase Shift vs. Frequency
0
–120
–60
–100
–20
–80
–40
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
Figure 43. Op Amp PSRR vs. Frequency
22
8
16
12
20
14
10
18
TEMPERATURE (°C)
–40
–20
0
20
40
60
80
100
120
Figure 44. Op Amp Output Low Voltage vs. Temperature
60
50
40
–40
–30
10
–10
30
0
–20
20
FREQUENCY (Hz)
10
100
1k
10k
100k
10M
1M
AV = 1
AV = 10
AV = 100
RL = 10kΩ
Figure 45. Op Amp Close-Loop Gain vs. Frequency
90
80
70
0
40
20
60
30
10
50
FREQUENCY (Hz)
10
100
1k
10k
100k
10M
1M
Figure 46. Op Amp Common-Mode Rejection Ratio (CMRR) vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com