Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2450ACPZ-5-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP2450ACPZ-5-R7
Description  Power Management IC for Circuit Breaker Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2450ACPZ-5-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP2450ACPZ-5-R7 Datasheet HTML 15Page - Analog Devices ADP2450ACPZ-5-R7 Datasheet HTML 16Page - Analog Devices ADP2450ACPZ-5-R7 Datasheet HTML 17Page - Analog Devices ADP2450ACPZ-5-R7 Datasheet HTML 18Page - Analog Devices ADP2450ACPZ-5-R7 Datasheet HTML 19Page - Analog Devices ADP2450ACPZ-5-R7 Datasheet HTML 20Page - Analog Devices ADP2450ACPZ-5-R7 Datasheet HTML 21Page - Analog Devices ADP2450ACPZ-5-R7 Datasheet HTML 22Page - Analog Devices ADP2450ACPZ-5-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
Data Sheet
ADP2450
Rev. B | Page 19 of 40
CH1 2.00V BW
CH2 200mV BW
CH1
2.80V
10.0ms 1.0MSPS
T
1
2
T
–180.0000µs
100k PTS
EIN5_N
EOUT5
Figure 47. Op Amp No Phase Reversal, VAVDD = 4 V, AV = −10
CH1 100mV
CH1
120mV
1.00s
T
100kSPS
1
1M PTS
NOISE = 459mV p-p
Figure 48. Op Amp 0.1 Hz to 10 Hz Noise,
Amplification = 10,000×
CH1 200mV BW
CH3 5.00V BW
CH2 200mV BW
10.0ms 10.0MSPS
CH2
148mV
1M PTS
T
1
3
2
VOUT1
EINx
EOUTx
T
–100.0000µs
Figure 49. PGA Working Waveform, Gain = 1
10
0.001
0.01
1
0.1
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
Figure 50. Op Amp Input Voltage Noise Density vs. Frequency
CH1 2.00V BW
CH3 5.00V BW
CH2 5.00V BW
CH4 5.00V BW
10ms 10.0MSPS
CH1
2.80V
1M PTS
T
1
3
4
2
T
–180.0000µs
VOUT1
VOUT2
DRV
RSTO
Figure 51. Start Up with AC Current Source, VCOM = GND
CH1 2.00V BW
CH3 5.00V BW
CH2 5.00V BW
CH4 5.00V BW
100ms 1.0MS/s
CH1
1.64V
1M PTS
T
1
3
4
2
VOUT1
VOUT2
DRV
RSTO
Figure 52. System Shutdown Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com