Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2450ACPZ-5-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP2450ACPZ-5-R7
Description  Power Management IC for Circuit Breaker Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2450ACPZ-5-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP2450ACPZ-5-R7 Datasheet HTML 8Page - Analog Devices ADP2450ACPZ-5-R7 Datasheet HTML 9Page - Analog Devices ADP2450ACPZ-5-R7 Datasheet HTML 10Page - Analog Devices ADP2450ACPZ-5-R7 Datasheet HTML 11Page - Analog Devices ADP2450ACPZ-5-R7 Datasheet HTML 12Page - Analog Devices ADP2450ACPZ-5-R7 Datasheet HTML 13Page - Analog Devices ADP2450ACPZ-5-R7 Datasheet HTML 14Page - Analog Devices ADP2450ACPZ-5-R7 Datasheet HTML 15Page - Analog Devices ADP2450ACPZ-5-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
ADP2450
Data Sheet
Rev. B | Page 12 of 40
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, VIN = 12 V, VAVDD = 5 V, VVCOM = VRCOM (the RCOM pin voltage) = 0 V, unless otherwise noted.
1.50
1.20
–40
120
TEMPERATURE (°C)
1.25
1.30
1.35
1.40
1.45
–20
0
20
40
60
80
100
VIN = 36V
VIN = 24V
VIN =12V
Figure 5. Quiescent Current vs. Temperature
2.55
2.30
–40
120
TEMPERATURE (°C)
–20
0
20
40
60
80
100
2.35
2.40
2.45
2.50
RISING
FALLING
Figure 6. VIN UVLO Threshold for Boost Controller vs. Temperature
1.26
1.14
–40
120
TEMPERATURE (°C)
–20
0
20
40
60
80
100
1.16
1.18
1.20
1.22
1.24
Figure 7. FB1 Voltage vs. Temperature
1.25
1.00
–40
120
TEMPERATURE (°C)
–20
0
20
40
60
80
100
1.05
1.10
1.15
1.20
RISING
FALLING
Figure 8. VPTH Threshold vs. Temperature
4.4
3.4
–40
120
TEMPERATURE (°C)
–20
0
20
40
60
80
100
RISING
FALLING
3.6
3.8
4.0
4.2
Figure 9. VIN UVLO Threshold for Buck Regulator vs. Temperature
0.606
0.594
–40
120
TEMPERATURE (°C)
–20
0
20
40
60
80
100
0.596
0.598
0.600
0.602
0.604
Figure 10. FB2 Voltage vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com