Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2450ACPZ-5-R7 Datasheet(PDF) 29 Page - Analog Devices

Part # ADP2450ACPZ-5-R7
Description  Power Management IC for Circuit Breaker Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2450ACPZ-5-R7 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADP2450ACPZ-5-R7 Datasheet HTML 25Page - Analog Devices ADP2450ACPZ-5-R7 Datasheet HTML 26Page - Analog Devices ADP2450ACPZ-5-R7 Datasheet HTML 27Page - Analog Devices ADP2450ACPZ-5-R7 Datasheet HTML 28Page - Analog Devices ADP2450ACPZ-5-R7 Datasheet HTML 29Page - Analog Devices ADP2450ACPZ-5-R7 Datasheet HTML 30Page - Analog Devices ADP2450ACPZ-5-R7 Datasheet HTML 31Page - Analog Devices ADP2450ACPZ-5-R7 Datasheet HTML 32Page - Analog Devices ADP2450ACPZ-5-R7 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
Data Sheet
ADP2450
Rev. B | Page 29 of 40
Buck Regulator Voltage Conversion Limitations
The minimum output voltage of a buck regulator for a given
input voltage and switching frequency is constrained by the
minimum on time. The minimum on time of the ADP2450
buck regulator is typically 50 ns. The minimum output voltage
at a given input voltage and frequency is calculated using the
following equation:
VOUT2_MIN = VIN × tMIN_ON × fSW − (RDSON_HS − RDSON_LS) ×
IOUT2_MIN × tMIN_ON × fSW − (RDSON_LS + RL) × IOUT2_MIN
(1)
where:
VOUT2_MIN is the minimum output voltage.
tMIN_ON is the minimum on time.
fSW is the switching frequency.
RDSON_HS is the high-side MOSFET on resistance.
RDSON_LS is the low-side MOSFET on resistance.
IOUT2_MIN is the minimum output current.
RL is the series resistance of the output inductor.
The maximum output voltage of a buck regulator for a given
input voltage and switching frequency is constrained by the
minimum off time. The minimum off time of the ADP2450
buck regulator is typically 150 ns.
The maximum output voltage, limited by the minimum off time
at a given input voltage and frequency, is calculated using the
following equation:
VOUT2_MAX =
VIN × (1 − tMIN_OFF × fSW) − (RDSON_HS − RDSON_LS) × IOUT2_MAX ×
(1 − tMIN_OFF × fSW) − (RDSON_LS + RL) × IOUT2_MAX
(2)
where:
VOUT2_MAX is the maximum output voltage.
tMIN_OFF is the minimum off time.
IOUT2_MAX is the maximum output current.
EXTERNAL MOSFET FOR ACTUATOR
The ADP2450 has an integrated actuator driver. When the
analog trip is triggered or the TRG pin is pulled up high, the
internal actuator driver outputs a 5 V driver signal on the
GATE pin and turns on the external MOSFET to trigger the
actuator. The instantaneous current when the actuator is
triggered is equal to VOUT1 divided by the resistance of the
actuator. The continuous drain current of the MOSFET must be
larger than the instantaneous current when the actuator is
triggered. In normal operation where the MOSFET is turned
off, VOUT1 the voltage added onto the drain and source nodes of
the MOSFET. It is recommended to select a MOSFET with a
VDSS that is twice as large as VOUT1 to provide enough margin.
The recommended MOSFETs listed in Table 12 can also be used
as the MOSFET for the actuator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com