Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS7516 Datasheet(PDF) 7 Page - Sipex Corporation

Part # HS7516
Description  16-Bit Multiplying DACs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

HS7516 Datasheet(HTML) 7 Page - Sipex Corporation

  HS7516 Datasheet HTML 1Page - Sipex Corporation HS7516 Datasheet HTML 2Page - Sipex Corporation HS7516 Datasheet HTML 3Page - Sipex Corporation HS7516 Datasheet HTML 4Page - Sipex Corporation HS7516 Datasheet HTML 5Page - Sipex Corporation HS7516 Datasheet HTML 6Page - Sipex Corporation HS7516 Datasheet HTML 7Page - Sipex Corporation HS7516 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Corporation
SIGNAL PROCESSING EXCELLENCE
133
Applications Information
Unipolar Operation
Figure 2 shows the interconnections for unipolar
operation. Connect I
O1 and FB1 as shown in dia-
gram. Tie I
O2 (Pin 7), FB3 (Pin 3), and FB4 (Pin 1)
to Ground (Pin 8). As shown, a series resistor is
recommended in the V
DD supply line to limit
current during ‘turn-on.’ To maintain specified
linearity,externalamplifiersmustbezeroed. Apply
an ALL “ZEROES” digital input and adjust R
OS
for V
OUT = 0 ± 1mV. The SP7516 and HS3160
have been used successfully with OP-07, OP-27
and LF441A. For high speed applications the
SP2525 is recommended.
Bipolar Operation
Figure 3 shows the interconnections for bipolar
operation. Connect I
O1, IO2, FB1, FB3, FB4 as
shown in diagram. Tie LDTR to I
O2. As shown, a
series resistor is recommended in the V
DD supply
line to limit current during ‘turn-on. To maintain
specified linearity, external amplifiers must be
zeroed. This is best done with V
REF set to zero and,
the DAC register loaded with 10...0 (MSB = 1). Set
R
0S1 for V01 = 0. Set R0S2 for VOUT = 0. Set VREF
to +10V and adjust R
B for VOUT to be 0V.
Grounding
Connect all GND pins to system analog ground
and tie this to digital ground. All unused input
pins must be grounded.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com