Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS7516 Datasheet(PDF) 5 Page - Sipex Corporation

Part # HS7516
Description  16-Bit Multiplying DACs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

HS7516 Datasheet(HTML) 5 Page - Sipex Corporation

  HS7516 Datasheet HTML 1Page - Sipex Corporation HS7516 Datasheet HTML 2Page - Sipex Corporation HS7516 Datasheet HTML 3Page - Sipex Corporation HS7516 Datasheet HTML 4Page - Sipex Corporation HS7516 Datasheet HTML 5Page - Sipex Corporation HS7516 Datasheet HTML 6Page - Sipex Corporation HS7516 Datasheet HTML 7Page - Sipex Corporation HS7516 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Corporation
SIGNAL PROCESSING EXCELLENCE
131
2 - 1(MSB)
2 - 2
Output
00
0
0
1
1/4 Full-Scale
1
0
1/2 Full-Scale
1
1
3/4 Full-Scale
Table 1. Contribution of the two MSB's
VREF
VDD
470
Ω
DIGITAL
INPUTS
RFEEDBACK
I O1
+
-
I O2
GND
ROS
A
V OUT
SP7516
HS3160
200
Ω
400
Ω
Figure 2. Unipolar Operation
The most common technique for building a D/A
converter of n bits is to use n switches to turn n current
or voltage sources on or off. The n switches and n
sourcesaredesignedsothateachswitchorbitcontrib-
utestwiceasmuchtotheD/Aconverter’soutputasthe
preceding bit. This technique is commonly known as
binary weighting and allows an n-bit converter to
generate 2n output levels by turning on the proper
combination of bits.
In such a binary-weighted converter, the switch
with the smallest contribution (the LSB) accounts
for only 2 -n of the converter’s full-scale value.
Similarly, the switch with the largest contribution
(theMSB)accountsfor2-1orhalfoftheconverter’s
full-scale output. Thus it is easy to see that a given
percent change in the MSB will have a greater
effect on the converter’s output than would a
similar percent change in the LSB. For example, a
1% change in the LSB of a 10 bit converter would
only affect the output by 0.001% of full-scale. A
1% change in the MSB of the same converter
would affect the output by 0.5% of FSR.
In order to overcome the problem which results from
the large weighting of the MSB, the two MSB’s can
be decoded to three equally weighted sources. Table
1 shows that all combinations of the two MSB’s of a
converter result in four output levels. So by replacing
the two MSB’s with three bits equally weighted at 1/
4 full-scale and decoding the two MSB digital inputs
into three lines which drive the equally weighted bits,
the same functional performance can be obtained.
ThusbyreplacingthetwoMSBswitchesofaconven-
tional converter with three switches properly de-
coded, the contribution of any switch is reduced from
1/2to1/4.Thisreductioninsensitivityalsoreducesthe
accuracy required of any switch for a given overall
converter accuracy.
With the decoded converter described above, a 1%
change in any of the converter’s switches will affect
the output by no more than 0.25% of full-scale as
compared to 0.5% for a conventional converter. In
other words the conventional D/A converter can be
made less sensitive to the quality of its individual bits
by decoding.
In the SP7516/HS3160 the first four MSB’s are
decodedinto16levelswhichdrive15equallyweighted
current sources. The sensitivity of each switch on the
output is reduced by a factor of 8. Each of the 15
sources contributes 6.25% output change rather than
an MSB change of 50% for the common approach.
DIGITAL
INPUTS
RFEEDBACK
I O1
+
-
IO2
GND
ROS1
A
VOUT
1
+
-
A2
ROS2
V OUT1
A1, A2, OP-07
4K
Ω
4K
Ω
ROS2
R
200
Ω
VREF
VDD
470
Ω
400
Ω
SP7516
HS3160
Figure 3. Bipolar Operation
TRANSFER FUNCTION (N=16)
BINARY INPUT UNIPOLAR OUTPUT BIPOLAR OUTPUT
111...111
–V
REF (1 - 2
–N
)–V
REF (1 – 2
–(N – 1)
)
100...001
–V
REF (1/2 + 2
–N
)–V
REF (2
–(N – 1)
)
100...000
–V
REF /2
0
011...111
–V
REF (1/2 – 2
–N
)V
REF (2
–(N – 1)
)
000…001
–V
REF (2
(N – 1)
)V
REF (1 – 2
–(N – 1)
)
000...000
0
V
REF
Table 2. Transfer Function



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com