Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS7516 Datasheet(PDF) 1 Page - Sipex Corporation

Part # HS7516
Description  16-Bit Multiplying DACs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

HS7516 Datasheet(HTML) 1 Page - Sipex Corporation

  HS7516 Datasheet HTML 1Page - Sipex Corporation HS7516 Datasheet HTML 2Page - Sipex Corporation HS7516 Datasheet HTML 3Page - Sipex Corporation HS7516 Datasheet HTML 4Page - Sipex Corporation HS7516 Datasheet HTML 5Page - Sipex Corporation HS7516 Datasheet HTML 6Page - Sipex Corporation HS7516 Datasheet HTML 7Page - Sipex Corporation HS7516 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Corporation
SIGNAL PROCESSING EXCELLENCE
127
DESCRIPTION…
The SP7516 and HS3160 are precision 16-bit multiplying DACs, that provide four-quadrant
multiplication. Both parts accept both AC and DC reference voltages. The SP7516 is available
for use in commercial and industrial temperature ranges, packaged in a 24-pin SOIC. The
HS3160 is available in commercial and military temperature ranges, packaged in a 22-pin
side-brazed DIP.
s Monolithic Construction
s 16–Bit Resolution
s 0.003% Non-Linearity
s Four-Quadrant Multiplication
s Latch-up Protected
s Low Power - 30mW
s Single +15V Power Supply
IOUT1
RFEEDBACK
BIT16
(LSB)
BIT4
BIT3
BIT2
BIT1
(MSB)
VDD
GND
VREF Force
Switches shown in high state.
SP7516
2
1
5
6
7
8
20
24
21
4
23
VREF Sense
22
3
IOUT2 Force
IOUT2 Sense
IOUT1
IOUT2
RFEEDBACK
BIT16
(LSB)
BIT4
BIT3
BIT2
BIT1
(MSB)
VDD
GND
VREF
Switches shown in high state.
HS3160
2
1
4
5
6
7
19
22
20
3
21
Corporation
SIGNAL PROCESSING EXCELLENCE
SP7516 and HS3160
16-Bit Multiplying DACs


Similar Part No. - HS7516

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
HS7512 SIPEX-HS7512 Datasheet
94Kb / 6P
Double-Buffered 12-Bit Multiplying DAC
HS7514 SIPEX-HS7514 Datasheet
106Kb / 8P
14-Bit Multiplying DACs
More results

Similar Description - HS7516

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
HS3140 SIPEX-HS3140 Datasheet
144Kb / 7P
14-Bit Multiplying DACs
logo
Linear Technology
LTC1595 LINER-LTC1595 Datasheet
299Kb / 12P
Serial 16-Bit Multiplying DACs
logo
Maxim Integrated Produc...
MAX501 MAXIM-MAX501 Datasheet
362Kb / 12P
Voltage-Output, 12-Bit Multiplying DACs
Rev 1; 12/96
MAX7524 MAXIM-MAX7524 Datasheet
3Mb / 8P
CMOS 8-Bit Buffered Multiplying DACs
Rev 1; 7/95
MX7524 MAXIM-MX7524 Datasheet
294Kb / 8P
CMOS 8-Bit Buffered Multiplying DACs
Rev 1; 7/95
MX7837 MAXIM-MX7837 Datasheet
168Kb / 12P
Complete, Dual, 12-Bit Multiplying DACs
19-0158; Rev 0; 7/93
logo
Sipex Corporation
HS7514 SIPEX-HS7514 Datasheet
106Kb / 8P
14-Bit Multiplying DACs
logo
Linear Technology
LTC1595 LINER-LTC1595_15 Datasheet
254Kb / 16P
Serial 16-Bit Multiplying DACs
LTC1596 LINER-LTC1596_15 Datasheet
254Kb / 16P
Serial 16-Bit Multiplying DACs
LTC1596-1 LINER-LTC1596-1_15 Datasheet
254Kb / 16P
Serial 16-Bit Multiplying DACs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com