Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS7516 Datasheet(PDF) 6 Page - Sipex Corporation

Part # HS7516
Description  16-Bit Multiplying DACs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

HS7516 Datasheet(HTML) 6 Page - Sipex Corporation

  HS7516 Datasheet HTML 1Page - Sipex Corporation HS7516 Datasheet HTML 2Page - Sipex Corporation HS7516 Datasheet HTML 3Page - Sipex Corporation HS7516 Datasheet HTML 4Page - Sipex Corporation HS7516 Datasheet HTML 5Page - Sipex Corporation HS7516 Datasheet HTML 6Page - Sipex Corporation HS7516 Datasheet HTML 7Page - Sipex Corporation HS7516 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Corporation
SIGNAL PROCESSING EXCELLENCE
132
Figure 4. Microprocessor Interface to SP7514
D0
D1
D2
D3
D4
D5
D6
D7
CLK
74273
VREF
(+ 25V MAX)
LSB
15
14
13
12
11
10
9
SP7514/
7516
D0
D1
D2
D3
D4
D5
D6
D7
74273
CLK
MSB GND
8
7
6
5
4
3
2
LATCHES
ADDRESS DECODER
G2A
74LS138
G2B
C
B
A
D0
D1
D2
D3
D4
D5
D6
D7
+
–
200
470
3
DD
V
400
WR
BDSEL
A 2
A 1
A 0
VREF
VDD
+
R
I01
I02
UNIPOLAR MODE
(2-QUADRANT)
6
2
3
A1
VOUT
0 TO - V REF
(1-2 - N)
R0S
F
SP7516/
HS3160
HS3160, small values for C
f must be used. Resis-
tor R
p can be added, this will parallel Rj decreasing
the effective resistance. If C
f is reduced the band-
widthwillbeincreasedandsettlingtimedecreased.
However a system penalty for lowering C
f is to
increase noise gain. The tradeoff is noise vs. set-
tling time. If R
p is added then a large value (1µF or
greater)non-polarizedcapacitorC
p should be added
in series with R
p to eliminate any DC drifts. If
settling time is not important, eliminate R
p and Cp,
and adjust C
f to prevent overshoot.
Output Offset
In most applications, the output of the DAC is fed
into an amplifier to convert the DAC’s current
output to voltage. A little known and not com-
monly discussed parameter is the linearity error
versus offset voltage of the output amplifier. All
CMOS DAC’s must operate into a virtual ground,
i.e., the summing junction of an op amp. Any
amplifier’s offset from the amplifier will appear as
an error at the output (which can be related to
LSB’s of error).
Most all CMOS DAC’s currently available are
implemented using an R-2R ladder network. The
formulafornonlinearityistypically0.67mV/mV
OS
(not derived here). However the SP7516 has a
coefficient of only 0.065mV/mV
OS. This is due to
the decoding technique described earlier. CMOS
DAC applications notes (including this one) al-
ways show a potentiometer used to null out the
amplifier’s offset. If an amplifier is chosen having
‘pretrimmed’ offset it may be possible to eliminate
this component. Consider the following calcula-
tions:
1.
Using LF441A amplifier (low power - 741 pinout)
2.
Specified offset: 0.5mV max
3.
Temperature coefficient of input offset: 10
µV/°C max
V
OS max (0°C to 70°C)
= 0.5mV + (70
µV)10
= 1.2mV
Add'l nonlinearity (max)
= 1.2mV x 0.065mV/mV
= 78
µV (1/2 LSB @ 16 Bits!)
Where: 78
µV = 1/2 LSB @ 16 Bits (10V range)
Via the above configuration, the SP7516/HS3160
can be used to divide an analog signal by digital
code (i.e. for digitally controlled gain). The trans-
fer function is given in Table 2, where the value of
each bit is 0 or 1. Division by all “0”s is undefined
and causes the op amp to saturate.
Following the decoded section of the DAC a
standard binary weighted R-2R approach is used.
This divides each of the 16 levels (or 6.25% of
F.S.) into 4096 discrete levels (the 12 LSB’s).
Output Capacitance
The SP7516/HS3160 have very low output ca-
pacitance (C
O). This is specified both with all
switches ON and all switches OFF. Output capaci-
tance varies from 50pF to 100pF over all input
codes. This low capacitance is due in part to the
decoding technique used. Smaller switches are
used with resulting less capacitance. Three impor-
tant system characteristics are affected by C
O and
∆C
O; namely digital feedthrough, settling time,
and bandwidth. The DAC output equivalent cir-
cuit can be represented as shown in Figure 1.
Digital feedthrough is the change in analog output
due to the toggling conditions on the converter
input data lines when the analog input V
REF is at
0V. The SP7516/HS3160 very low C
O and there-
fore will yield low digital feedthrough. Inputs to
the DAC can be buffered. This input latch with
microprocessor control is shown in Figure 4.
Settling time is directly affected by C
O. In Figure
1, C
O combines with Rf to add a pole to the open
loop response, reducing bandwidth and causing
excessive phase shift - which could result in
ringing and/or oscillation. A feedback capaci-
tor, C
f must be added to restore stability. Even with
C
f, there is still a zero-pole mismatch due to RiCO
which is code dependent. This code dependent
mismatch is minimized when C
ORi = RfCf. How-
ever C
f must now be made larger to compensate for
worst case
∆R
iCO - resulting in reduced bandwidth
and increased settling time. With the SP7516/



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com