Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS7516 Datasheet(PDF) 8 Page - Sipex Corporation

Part # HS7516
Description  16-Bit Multiplying DACs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

HS7516 Datasheet(HTML) 8 Page - Sipex Corporation

  HS7516 Datasheet HTML 1Page - Sipex Corporation HS7516 Datasheet HTML 2Page - Sipex Corporation HS7516 Datasheet HTML 3Page - Sipex Corporation HS7516 Datasheet HTML 4Page - Sipex Corporation HS7516 Datasheet HTML 5Page - Sipex Corporation HS7516 Datasheet HTML 6Page - Sipex Corporation HS7516 Datasheet HTML 7Page - Sipex Corporation HS7516 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Corporation
SIGNAL PROCESSING EXCELLENCE
134
ORDERING INFORMATION
Model ................................................................ Monotonicity ................................ Temperature Range .................................... Package
16-Bit Multiplying DAC
HS3160C-3Q ............................................................ 13-Bit ............................................... 0
°C to +70°C ................... 22-pin, 0.4" Side-Brazed DIP
HS3160B-3Q ............................................................ 13-Bit ......................................... -55
°C to +125°C ................... 22-pin, 0.4" Side-Brazed DIP
HS3160B-3/883 ....................................................... 13-Bit ......................................... -55
°C to +125°C ................... 22-pin, 0.4" Side-Brazed DIP
HS3160C-4Q ............................................................ 14-Bit ............................................... 0
°C to +70°C ................... 22-pin, 0.4" Side-Brazed DIP
HS3160B-4Q ............................................................ 14-Bit ......................................... -55
°C to +125°C ................... 22-pin, 0.4" Side-Brazed DIP
HS3160B-4/883 ....................................................... 14-Bit ......................................... -55
°C to +125°C .................. 22-pin , 0.4" Side-Brazed DIP
SP7516JN ................................................................ 13-Bit ............................................... 0
°C to +70°C ......................................24-pin, 0.3" SOIC
SP7516KN ............................................................... 14-Bit ............................................... 0
°C to +70°C ......................................24-pin, 0.3" SOIC
SP7516AN ............................................................... 13-Bit .......................................... –40
°C to +85°C ......................................24-pin, 0.3" SOIC
SP7516BN ............................................................... 14-Bit .......................................... –40
°C to +85°C ......................................24-pin, 0.3" SOIC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com