Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS7516 Datasheet(PDF) 4 Page - Sipex Corporation

Part # HS7516
Description  16-Bit Multiplying DACs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

HS7516 Datasheet(HTML) 4 Page - Sipex Corporation

  HS7516 Datasheet HTML 1Page - Sipex Corporation HS7516 Datasheet HTML 2Page - Sipex Corporation HS7516 Datasheet HTML 3Page - Sipex Corporation HS7516 Datasheet HTML 4Page - Sipex Corporation HS7516 Datasheet HTML 5Page - Sipex Corporation HS7516 Datasheet HTML 6Page - Sipex Corporation HS7516 Datasheet HTML 7Page - Sipex Corporation HS7516 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Corporation
SIGNAL PROCESSING EXCELLENCE
130
PIN ASSIGNMENTS
HS3160 22–PIN
Pin 1 – IO
1 – Current Output 1.
Pin 2 – IO
2 – Current Output 2.
Pin 3 – GND – Ground.
Pin 4 – DB
15 – MSB, Data Bit 1.
Pin 5 – DB
14 – Data Bit 2.
Pin 6 – DB
13 – Data Bit 3.
Pin 7 – DB
12 – Data Bit 4.
Pin 8 – DB
11 – Data Bit 5.
Pin 9 – DB
10 – Data Bit 6.
Pin 10 – DB
9 – Data Bit 7.
Pin 11 – DB
8 – Data Bit 8.
Pin 12 – DB
7 – Data Bit 9.
Pin 13 – DB
6 – Data Bit 10.
Pin 14 – DB
5 – Data Bit 11.
Pin 15 – DB
4 – Data Bit 12.
Pin 16 – DB
3 – Data Bit 13.
Pin 17 – DB
2 – Data Bit 14.
Pin 18 – DB
1 – Data Bit 15.
Pin 19 – DB
0 – LSB, Data Bit 16.
Pin 20 – V
DD – Positive Supply Voltage.
Pin 21 – V
REF – Reference Voltage Input.
Pin 22 – R
FB – Feedback Resistor.
SP7516 24–PIN
Pin 1 – IO
1 – Current Output 1.
Pin 2 – IO
2 Sense – Current Output 2.
Pin 3 – IO
3 Force – Current Output 3.
Pin 4 – GND – Ground.
Pin 5 – DB
15 – MSB, Data Bit 1.
Pin 6 – DB
14 – Data Bit 2.
Pin 7 – DB
13 – Data Bit 3.
Pin 8 – DB
12 – Data Bit 4.
Pin 9 – DB
11 – Data Bit 5.
Pin 10 – DB
10 – Data Bit 6.
Pin 11 – DB
9 – Data Bit 7.
Pin 12 – DB
8 – Data Bit 8.
Pin 13 – DB
7 – Data Bit 9.
Pin 14 – DB
6 – Data Bit 10.
Pin 15 – DB
5 – Data Bit 11.
Pin 16 – DB
4 – Data Bit 12.
Pin 17 – DB
3 – Data Bit 13.
Pin 18 – DB
2 – Data Bit 14.
Pin 19 – DB
1 – Data Bit 15.
Pin 20 – DB
0 – LSB, Data Bit 16.
Pin 21 – V
DD – Positive Supply Voltage.
Pin 22 – V
REF Sense – Reference Voltage Input.
Pin 23 – V
REF Force – Reference Voltage Input.
Pin 24 – R
FB – Feedback Resistor.
FEATURES…
The SP7516 and HS3160 are precision 16-bit multi-
plying DACs. The DACs are implemented as a one-
chip CMOS circuit with a resistor ladder network.
Three output lines are provided on the DACs to allow
unipolar and bipolar output connection with a mini-
mum of external components. The feedback resistor
is internal. The resistor ladder network termination is
externally available, thus eliminating an external re-
sistor for the 1 LSB offset in bipolar mode.
The SP7516 is available for use in commercial and
industrial temperature ranges, packaged in a 24-pin
SOIC. The HS3160 is available in commercial
and military temperature ranges, packaged in a
24–pin side–brazed DIP. For product processed
and screened to the requirements of MIL–M–
38510 and MIL–STD–883C, please consult the
factory (HS3160B only).
PRINCIPLES OF OPERATION
TheSP7516/HS3160achievehighaccuracybyusing
a decoded or segmented DAC scheme to implement
this function. The following is a brief description of
this approach.
Figure 1. SP7516/HS3160 Equivalent Output Circuit
+
–
EO
Cf
C
Rp
Rf
CO
Ri
VREF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com