Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP9841 Datasheet(PDF) 16 Page - Sipex Corporation

Part # SP9841
Description  8-Bit Octal, 2-Quadrant Multiplying, BiCMOS DAC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP9841 Datasheet(HTML) 16 Page - Sipex Corporation

Back Button SP9841 Datasheet HTML 12Page - Sipex Corporation SP9841 Datasheet HTML 13Page - Sipex Corporation SP9841 Datasheet HTML 14Page - Sipex Corporation SP9841 Datasheet HTML 15Page - Sipex Corporation SP9841 Datasheet HTML 16Page - Sipex Corporation SP9841 Datasheet HTML 17Page - Sipex Corporation SP9841 Datasheet HTML 18Page - Sipex Corporation SP9841 Datasheet HTML 19Page - Sipex Corporation SP9841 Datasheet HTML 20Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
282
Pin 10 — V
OUTG — DACG Voltage Output.
Pin 11 — V
OUTH — DACH Voltage Output.
Pin 12 — V
ING/H — DACG and H Reference
Voltage Input.
Pin 13 — LOADH — Load DAC Register Strobe;
active high input that transfers the data bits from the
Serial Input Register into the decoded DAC Register.
Refer to Table 1.
Pin 14 — CLOCK — Serial Clock Input; positive–
edge triggered.
Pin 15 — SDO — Serial Data Output; active totem–
pole output.
Pin 16 — GND — Ground.
Pin 17 — SDI — Serial Data Input.
Pin 18 — V
DD — Positive 5V Power Supply.
Pin 19 — V
INC/D — DACC and D Reference
Voltage Input.
Pin 20 — V
OUTD — DACD Voltage Output.
FEATURES…
The SP9841 and SP9842 include eight separate op
amp–buffered eight–bit DACs. These can be used to
replace up to eight trimpots with eight low–imped-
ance programmable sources. The SP9841 uses eight
separate multiplying reference inputs, while the
SP9842 provides four pair of multiplying inputs. All
of the reference inputs, in either case, are returned to
acommonvoltagereferencelowpin.Theinherent2X
gain from the two–quadrant multiplying reference
inputs to the outputs allows the use of AC or DC
multiplying reference inputs generated from a single,
low supply voltage.
Each DAC has its own data register which holds its
output state. These data registers are updated from an
internalserial-to-parallelshiftregisterwhichisloaded
from a standard 3-wire serial input digital interface.
Twelve data bits make up the data word clocked into
the serial input register. This data word is decoded
such that the first 4 bits determine the address of the
DAC register to be loaded and the last 8 bits are the
data. A serial data output pin at the opposite end of the
serial register allows simple daisy-chaining in mul-
Table 1. Serial Input Decoded Truth Table
LAST
D0
LSB
DATA
ADDRESS
D1
D2
D3
D4
D5
D6
D7
MSB
D7
D6
D5
D4
D3
D2
D1
D0
DAC Output Voltage
VOUT = D/128 (VIN – VREFL) + VREF L
VREFL
1/128 (VIN – VREFL) + VREF L
127/128 (VIN – VREFL) + VREF L
VIN (Preset Value)
129/128 (VIN – VREFL) + VREF L
254/128 (VIN – VREFL) + VREF L
255/128 (VIN – VREFL) + VREF L
A0
LSB
A1
A2
A3
MSB
A3
A2
A1
A0
DAC Updated
FIRST
0
0
0
0
0
0
0
0
1
1
.
.
1
0
0
0
1
1
1
1
0
0
1
0
0
1
1
0
0
1
0
0
1
1
0
0
1
0
0
1
1
0
0
1
0
0
.
.
.
1
1
0
0
1
0
0
1
1
0
0
1
0
0
1
1
0
1
1
0
1
0
1
0
0
0
0
1
1
1
1
0
0
.
.
1
0
0
1
1
0
0
1
1
0
0
.
.
1
0
1
0
1
0
1
0
1
0
1
.
.
1
No Operation
DACA
DACB
DACC
DACD
DACE
DACF
DACG
DACH
No Operation
.
.
No operation
.
.
.
.
.
.
.
.
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com