Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP9841 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP9841
Description  8-Bit Octal, 2-Quadrant Multiplying, BiCMOS DAC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP9841 Datasheet(HTML) 1 Page - Sipex Corporation

  SP9841 Datasheet HTML 1Page - Sipex Corporation SP9841 Datasheet HTML 2Page - Sipex Corporation SP9841 Datasheet HTML 3Page - Sipex Corporation SP9841 Datasheet HTML 4Page - Sipex Corporation SP9841 Datasheet HTML 5Page - Sipex Corporation SP9841 Datasheet HTML 6Page - Sipex Corporation SP9841 Datasheet HTML 7Page - Sipex Corporation SP9841 Datasheet HTML 8Page - Sipex Corporation SP9841 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
267
s Replaces 8 Potentiometers and 8 Op Amps
s Operates from Single +5V Supply
s 6.3 MHz 2-Quadrant Multiplying Gain Band-
width
s No Signal Inversion
s Eight Reference Inputs, Eight Voltage
Outputs (SP9841)
s Four Reference Inputs, Eight Voltage
Outputs (SP9842)
s 3-Wire Serial Input
s 0.8MHz Data Update Rate
s +3.25 Volt Output Swing
s Midscale Preset
s Low 65 mW Power Dissipation (8mW/DAC)
DESCRIPTION…
The SP9841 and SP9842 are general purpose octal DACs in a single package. The SP9841
features eight individual reference inputs, while the SP9842 provides four pair of voltage
reference inputs. Both parts feature 6.3MHz bandwidth, two–quadrant multiplication, and a
three–wire serial interface. Other features include midscale preset, no signal inversion and low
power dissipation from a single +5V supply. Devices are available in commercial and industrial
temperature ranges.
+
–
4
8
8
8
DAC A
8 x 8
DAC
REGISTER
SERIAL
REGISTER
LOGIC
Decoded
Address
Data
Clock
Serial Data Input
Serial Data Output
Preset
Load
V
REF Low
SP9842
+
–
8
DAC B
V
INA/B
V
OUTB
V
OUTA
+
–
8
DAC G
+
–
8
DAC H
V
ING/H
V
OUTH
V
OUTG
SP9842 Block Diagram
4
8
8
8
DAC A
DAC H
8
8 x 8
DAC
REGISTER
SERIAL
REGISTER
LOGIC
Decoded
Address
Data
Clock
Serial Data Input
Serial Data Output
Preset
Load
V
INA
V
OUTA
V
INH
V
OUTH
V
REF Low
SP9841
+
–
SP9841 Block Diagram
SP9841/42
8-Bit Octal, 2-Quadrant Multiplying, BiCMOS DAC


Similar Part No. - SP9841

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP9840 SIPEX-SP9840 Datasheet
130Kb / 10P
8-Bit Octal, 4-Quadrant Multiplying, BiCMOS DAC
SP9840BN SIPEX-SP9840BN Datasheet
130Kb / 10P
8-Bit Octal, 4-Quadrant Multiplying, BiCMOS DAC
SP9840BS SIPEX-SP9840BS Datasheet
130Kb / 10P
8-Bit Octal, 4-Quadrant Multiplying, BiCMOS DAC
SP9840KN SIPEX-SP9840KN Datasheet
130Kb / 10P
8-Bit Octal, 4-Quadrant Multiplying, BiCMOS DAC
SP9840KS SIPEX-SP9840KS Datasheet
130Kb / 10P
8-Bit Octal, 4-Quadrant Multiplying, BiCMOS DAC
More results

Similar Description - SP9841

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8842 AD-AD8842 Datasheet
506Kb / 12P
8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV.0
DAC-8841 AD-DAC-8841 Datasheet
584Kb / 12P
8-Bit Octal, 2-Quadrant Multiplying, CMOS TrimDAC
DAC8840 AD-DAC8840 Datasheet
513Kb / 12P
8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
DAC8841 AD-DAC8841 Datasheet
594Kb / 10P
8 BIT OCTAL 2-QUADRANT MULTIPLYING CMOS TRIM DAC
logo
Sipex Corporation
SP9840 SIPEX-SP9840 Datasheet
130Kb / 10P
8-Bit Octal, 4-Quadrant Multiplying, BiCMOS DAC
logo
Analog Devices
DAC8841 AD-DAC8841_13 Datasheet
587Kb / 12P
8-Bit Octal, 2-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842ARZ AD-AD8842ARZ Datasheet
1Mb / 13P
8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842ARZ AD-AD8842ARZ Datasheet
1Mb / 13P
8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD7524 AD-AD7524_15 Datasheet
165Kb / 8P
8-Bit Buffered Multiplying DAC
REV. B
AD8842 AD-AD8842_15 Datasheet
1Mb / 13P
8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com