Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP9841 Datasheet(PDF) 20 Page - Sipex Corporation

Part # SP9841
Description  8-Bit Octal, 2-Quadrant Multiplying, BiCMOS DAC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP9841 Datasheet(HTML) 20 Page - Sipex Corporation

Back Button SP9841 Datasheet HTML 16Page - Sipex Corporation SP9841 Datasheet HTML 17Page - Sipex Corporation SP9841 Datasheet HTML 18Page - Sipex Corporation SP9841 Datasheet HTML 19Page - Sipex Corporation SP9841 Datasheet HTML 20Page - Sipex Corporation SP9841 Datasheet HTML 21Page - Sipex Corporation SP9841 Datasheet HTML 22Page - Sipex Corporation SP9841 Datasheet HTML 23Page - Sipex Corporation SP9841 Datasheet HTML 24Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
286
Figure 4. Timing.
CHARACTERISTICS
(Typical @ 25
°C with V
DD = +5V unless otherwise noted.)
PARAMETER
MIN.
TYP.
MAX.
UNIT
CONDITIONS
Input Clock Pulse Width (t
CH, tCL)50
ns
Data Setup Time (t
DS)30
ns
Data Hold Time (t
DH)20
ns
CLK to SDO Propagation Delay (t
PD)
100
ns
DAC Register Load Pulse Width (t
LD)50
ns
Preset Pulse Width (t
PR)50
ns
Clock Edge to Load Time (t
CKLD)30
ns
Load Edge to Next Clock Edge(t
LDCK)60
ns
1
0
A3 A2 A1 A0 D7 D6 D5 D4 D3 D2 D1 D0
1
0
1
0
FS
0
SDI
CLOCK
LOAD
VOUT
1
0
1
0
1
0
(FFH)
(08H)
SERIAL
DATA IN
SERIAL DATA INPUT TIMING DETAIL (PRESET = Logic "1"; VIN(X) = 1.5V; VREFL = 0V)
1
0
SERIAL
DATA OUT
CLOCK
LOAD
VOUT
tDS
tCH
tCL
tLD
tS
tLDCK
±1 LSB
ERROR BAND
tCLKD
tPD
tDH
AX or DX
1
0
PRESET
tS
tPR
±1 LSB
ERROR BAND
(FFH)
(08H)
VOUT
Table 2. Logic Control Input Truth Table.
SDI
CLK
LOADH
PRESETL
LOGIC OPERATION
X
L
L
H
No Change
Data
L
H
Shift In One Bit from SDI
Shift Out 12–clock delayed data at SDO
X
X
X
L
All DAC Registers Preset to 80
H (Note 1)
X
L
H
H
Load Serial Register Data into DAC(X) Register
Note 1: "Preset" may not persist at all DACs if LOADH is high when PRESETL returns high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com