Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP9841 Datasheet(PDF) 18 Page - Sipex Corporation

Part # SP9841
Description  8-Bit Octal, 2-Quadrant Multiplying, BiCMOS DAC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP9841 Datasheet(HTML) 18 Page - Sipex Corporation

Back Button SP9841 Datasheet HTML 14Page - Sipex Corporation SP9841 Datasheet HTML 15Page - Sipex Corporation SP9841 Datasheet HTML 16Page - Sipex Corporation SP9841 Datasheet HTML 17Page - Sipex Corporation SP9841 Datasheet HTML 18Page - Sipex Corporation SP9841 Datasheet HTML 19Page - Sipex Corporation SP9841 Datasheet HTML 20Page - Sipex Corporation SP9841 Datasheet HTML 21Page - Sipex Corporation SP9841 Datasheet HTML 22Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
284
When V
REFL is tied to ground, this expression
reduces to:
V
OUT = (Data/128) *VIN
Multiplication of Input Voltages
While both the SP9841 and SP9842 are capable of
two–quadrant multiplication, this terminology is not
very precise when describing a system which runs
fromasinglepositivesupply.Traditionally,thequad-
rants have been defined with respect to 0V. A two–
quadrant multiplying DAC could produce negative
output voltages only if a negative voltage reference
were applied. A four–quadrant device could also
produce a code–controlled negative output from a
positive reference, or a code–controlled positive out-
put from a negative reference. If ground is used to
delineate the quadrants, then the SP9841/SP9842
should be considered single–quadrant multiplying
devices, as their output op amps cannot produce
voltages below ground.
Inreality,itispossibletodefineadcvoltageasasignal
ground in a single supply system. If the DAC's V
REFL
pin is driven to the voltage chosen as pseudoground,
then each voltage output will exhibit 2–quadrant
behavior with respect to pseudoground; that is the
output voltage will enter the quadrant below the
pseudoground only when the reference input voltage
goes below pseudoground. This mode of operation is
useful when implementing programmable gain/at-
tenuator sections, especially when the input signal is
bipolar with respect to pseudoground, or is ac–
coupled into the V
IN(X) pin. When VREFL is tied to
power supply ground, only output voltages greater
than V
REFL are possible, and the device performs
single–quadrant multiplication, much like a buffered
programmable trimpot across a single supply. Fig-
ures 2a and2bshow single–quadrant and 2–quadrant
performance of the SP9841/SP9842. Applications
which require 4–quadrant operation with respect to
pseudoground should use the SIPEX SP9840 or
SP9843 4–quadrant multiplying DACs.
The choice of voltage to use for the pseudoground is
limited by the legal voltage swing at the op amp
output. The op amp exhibits excellent linearity for
outputvoltagesbetween,conservatively,100mVand
V
DD – 1.5V. The op amp BiCMOS output stage
consists of an npn follower loaded by an NMOS
common sourced to ground. This circuit exhibits
wide bandwidth and can source large currents, while
retaining the capability of driving the output to volt-
ages close to ground.
At output voltages below 25mV, feedback forces
some op amp internal nodes toward the supply rails.
The NMOS pull–down device gets driven hard and
the NMOS device enters the linear range — it begins
to function in the same manner as a 50 ohm resistor.
In reality, the wideband amplifier output stage sinks
someinternalquiescentcurrentevenwhendrivingthe
output towards ground. This sunk current drops
across the output stage NMOS transistor ON–resis-
tance and internal routing resistance to provide a
minimumoutputvoltage,belowwhichtheamplifier
cannot drive. This minimum voltage is in the 15
to 25mV range. It varies within a package with
each op amp's offset voltage and biasing varia-
tions. If an input voltage lower than this mini-
mum, such as code 0 or 1, when V
REFL is ground,
2.5
1.5
0
VREFL (Volts)
0.5
1.0
2.0
3.0
0
0.5
1.0
1.5
2.0
2.5
3.0
VDD = 4.75V minimum; VOUTMAX < +3.25V
2.5
1.5
0
VREFL (Volts)
0.5
1.0
2.0
3.0
0
0.5
1.0
1.5
2.0
2.5
3.0
VDD = 4.75V minimum; VOUTMAX >100mV
a)
b)
Figure 3. Reference Voltages a) Normal Operation; b) Maximum Linearity Near Code 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com