Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP9841 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP9841
Description  8-Bit Octal, 2-Quadrant Multiplying, BiCMOS DAC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP9841 Datasheet(HTML) 2 Page - Sipex Corporation

  SP9841 Datasheet HTML 1Page - Sipex Corporation SP9841 Datasheet HTML 2Page - Sipex Corporation SP9841 Datasheet HTML 3Page - Sipex Corporation SP9841 Datasheet HTML 4Page - Sipex Corporation SP9841 Datasheet HTML 5Page - Sipex Corporation SP9841 Datasheet HTML 6Page - Sipex Corporation SP9841 Datasheet HTML 7Page - Sipex Corporation SP9841 Datasheet HTML 8Page - Sipex Corporation SP9841 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
268
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the device
at these or any other above those indicated in the operation
sections of the specifications below is not implied. Exposure to
absolute maximum rating conditions for extended periods of time
may affect reliability.
V
DD to GND ...................................................................... -0.3V, +7V
V
INX to GND ............................................................................... VDD
V
REFL to GND ............................................................................. VDD
V
OUTX to GND ............................................................................ VDD
Short Circuit I
OUTX to GND ............................................ Continuous
Digital Input & Output Voltage to GND ....................................... V
DD
Operating Temperature Range
Commercial: SP9841K/SP9842K .............................. 0
°C to +70°C
Extended Industrial: SP9841B/SP9842B ................ -40
°C to +85°C
Maximum Junction Temperature (T
J max) .......................... +150°C
Storage Temperature ................................................. -65
° to 150°C
Lead Temperature (Soldering, 10 sec) ............................... +300
°C
Package Power Dissipation ................................. (T
J max - TA)/∅JA
Thermal Resistance
JA
P-DIP .................................................................................. 57
°C/W
SOIC-24 .............................................................................. 70
°C/W
SPECIFICATIONS
(V
DD = +5V, All VINX= +1.625V, VREFL = 0V, TA = 25° C for commercial–grade parts;
T
MIN ≤ TA =
T
MAX for industrial–grade parts; specifications apply to
all DAC's unless noted otherwise.)
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
SIGNAL INPUTS
Input Voltage Range
0
1.625
V
V
REFL = GND, VDD = 4.75V
Input Resistance
D = 55
H; Code Dependent
SP9841
510
k
SP9842
2.5
5
k
Input Capacitance
Code Dependent
SP9841
19
30
pF
SP9842
38
60
pF
V
REFL Resistance
0.375
0.75
k
All D = AB
H; Code Dependent
V
REFL Capacitance
190
250
pF
Code Dependent
DIGITAL INPUTS
Logic High
2.4
V
Logic Low
0.8
V
Input Current
±10
µA
Input Capacitance
8
pF
Input Coding
Binary
STATIC ACCURACY
Resolution
8
Bits
Integral Nonlinearity
±0.25
±1.0
LSB
Note 1
Differential Nonlinearity
±0.2
±1.0
LSB
Note 1
Half-Scale Output Voltage
1.600
1.625
1.650
V
PR = LOW, Sets D = 80
H
Zero-Scale Output Voltage
20
100
mV
D = 00
H
Output Voltage Drift
25
µV/°C
PR = LOW, Sets D = 80
H
DYNAMIC PERFORMANCE
Multiplying Gain Bandwidth
4
6.3
MHz
V
INX = 100 mV p-p+ 1.0V dc
Slew Rate
Measured 10% to 90%
Positive
3.0
7.9
V/
µsV
OUTX = 100mV to +3.1V
Negative
–3.0
–8.3
V/
µsV
OUTX = +3.1V to 100mV
Total Harmonic Distortion
0.005
%
V
INX = 0.8VDC + 1.4V p-p
D= FF
H; 1kHz, fLP = 80 kHz
Output Settling Time
0.7
µs
±1 LSB Error Band, 8
H to
255
H
Crosstalk
60
70
dB
Note 2
Digital Feedthrough
6
nVs
V
REFL = +1.625V, D = 0 to FFH
Wideband Noise
42.5
µV rms
V
OUT = 3.25V; 400Hz to 80kHz
CAUTION:
While all input and output pins have inter-
nal protection networks, these parts should
be considered ESD (ElectroStatic Dis-
charge) sensitive devices. Permanent dam-
age may occur on unconnected devices sub-
ject to high energy electrostatic fields. Un-
used devices must be stored in conductive
foam or shunts. Personnel should be prop-
erly grounded prior to handling this device.
The protective foam should be discharged to
the destination socket before devices are re-
moved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com