Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP9841 Datasheet(PDF) 24 Page - Sipex Corporation

Part # SP9841
Description  8-Bit Octal, 2-Quadrant Multiplying, BiCMOS DAC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP9841 Datasheet(HTML) 24 Page - Sipex Corporation

Back Button SP9841 Datasheet HTML 20Page - Sipex Corporation SP9841 Datasheet HTML 21Page - Sipex Corporation SP9841 Datasheet HTML 22Page - Sipex Corporation SP9841 Datasheet HTML 23Page - Sipex Corporation SP9841 Datasheet HTML 24Page - Sipex Corporation SP9841 Datasheet HTML 25Page - Sipex Corporation SP9841 Datasheet HTML 26Page - Sipex Corporation SP9841 Datasheet HTML 27Page - Sipex Corporation SP9841 Datasheet HTML 28Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
290
Figure9showsaDACchannelcontrollingtheoutput
voltage of an LM317 voltage regulator. By program-
ming the code, the DAC changes its own supply
voltage. This circuit can be modified for wider output
voltage ranges by reducing the value of R
4. However,
the circuit as shown requires the DAC to sink 1mA to
the negative rail at code 0 at its lowest V
DD, at which
pointtheoutputvoltageis62mV.Thus,programming
codes 0 through 5 will do little to influence the output.
If R
4 is replaced with a short circuit, useful operation
would be between 3.9V and 6.15V output; however,
the DAC output must then sink 2.5mA at V
DD = 3.9V,
which results in a minimum DAC output voltage of
Figure 9. Programmable 1Amp Power Source.
+
–
V
OUT
1/8 of SP9841
3
+12V
ICL8069
At PRESET, V
OUT = 5.0V
10kOhms
R1
499Ohms
VA
V
OUT = 4.5V TO 5.5V at 1Amp for DATA = 00H to FFH.
LM317
10µF
In
Out
Adjust
R2
1kOhms
R3
511Ohms
1.22V
VDD
R4
681Ohms
around 150mV. Codes above 17 will then provide
equally spaced output voltage increments.
Figure 10 shows how the gain of an external non–
inverting op amp can be programmed. R
F and RG are
chosen for nominal gain. R
TRIMRANGE is then ratioed to
R
F to provide the desired range of gain trim. A wide
gain grange is achievable — for example, with R
F =
11kOhms,R
G=1kOhmsandRTRIMRANGE=2.74kOhms,
gain would be programmed linearly from 8 to just
under 16.
The OP–491 shown in Figure 10 is capable for
Figure 10. Adjustable Gain of External Non–Inverting Opamp Circuit; V
OUT = Rail–to–rail.
+
–
SIG OUT
1/8 of SP9841
3
1/4 of OP–491
+5V
Set R
TRIMRANGE for desired gain-trim range.
For R
TRIMRANGE = 20kOhms:
Code 0, A
V = +5.5
Code 128, A
V = +5.0
Code 255, A
V = +4.51
+
–
RF
10kOhms
RTRIMRANGE
20kOhms
RIBIAS
50kOhms
V
REFL
= Up to VDD/2
(2.5V nominal for
rail–to–rail output
at SIG OUT)
1V
P-P
2.2µF
RGAIN
2.5kOhms
V
REFL
A
R
R
V
F
G
F
TRIMRANGE
DR
R
=+
+ −


1
1
128
, D = 0 to 255
+5V
V
DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com