Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV-RPG2-PNZ Datasheet(PDF) 6 Page - Analog Devices

Part # EV-RPG2-PNZ
Description  RapID Platform Generation 2 (RPG2) Network Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EV-RPG2-PNZ Datasheet(HTML) 6 Page - Analog Devices

Back Button EV-RPG2-PNZ Datasheet HTML 2Page - Analog Devices EV-RPG2-PNZ Datasheet HTML 3Page - Analog Devices EV-RPG2-PNZ Datasheet HTML 4Page - Analog Devices EV-RPG2-PNZ Datasheet HTML 5Page - Analog Devices EV-RPG2-PNZ Datasheet HTML 6Page - Analog Devices EV-RPG2-PNZ Datasheet HTML 7Page - Analog Devices EV-RPG2-PNZ Datasheet HTML 8Page - Analog Devices EV-RPG2-PNZ Datasheet HTML 9Page - Analog Devices EV-RPG2-PNZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Data Sheet
ADIN2299
SPECIFICATIONS
analog.com
Rev. 0 | 6 of 21
Table 5. 10 Mbps and 100 Mbps Ethernet MAC Management Interface Timing
Parameter
Min
Max
Unit
fSYSCLK
Internal System Clock
100
MHz
tMDIOS
ETH0_MDIO Input Valid to ETH0_MDC Rising Edge (Setup)
14
ns
tMDIOH
ETH0_MDC Rising Edge to ETH0_MDIO Input Invalid (Hold)
0
ns
tMDCOV
ETH0_MDC Falling Edge to ETH0_MDIO Output Valid
tSYSCLK + 5
tMDCOH
ETH0_MDC Falling Edge to ETH0_MDIO Output Invalid (Hold)
tSYSCLK – 5
ns
Figure 4. Ethernet 10 Mbps and 100 Mbps MAC Management Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com