Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV-RPG2-PNZ Datasheet(PDF) 13 Page - Analog Devices

Part # EV-RPG2-PNZ
Description  RapID Platform Generation 2 (RPG2) Network Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EV-RPG2-PNZ Datasheet(HTML) 13 Page - Analog Devices

Back Button EV-RPG2-PNZ Datasheet HTML 9Page - Analog Devices EV-RPG2-PNZ Datasheet HTML 10Page - Analog Devices EV-RPG2-PNZ Datasheet HTML 11Page - Analog Devices EV-RPG2-PNZ Datasheet HTML 12Page - Analog Devices EV-RPG2-PNZ Datasheet HTML 13Page - Analog Devices EV-RPG2-PNZ Datasheet HTML 14Page - Analog Devices EV-RPG2-PNZ Datasheet HTML 15Page - Analog Devices EV-RPG2-PNZ Datasheet HTML 16Page - Analog Devices EV-RPG2-PNZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Data Sheet
ADIN2299
THEORY OF OPERATION
analog.com
Rev. 0 | 13 of 21
The main use case for the ADIN2299 is to provide multiprotocol,
industrial Ethernet connectivity to field devices that require the
robust, deterministic Ethernet capability supported by mainstream
industrial protocols.
Figure 7 shows the ADIN2299 system block diagram. The commu-
nications controller is the ADSP-CM409F within the module, while
the application processor is the applications processor. The applica-
tions processor communicates with the communications controller
on the ADIN2299 module via the Unified Interface common lan-
guage. The timing for the interfaces of the applications processor
of the ADIN2299 module are detailed in the Timing Characteristics
section. The Unified Interface is described in the Unified Interface
Control Document User Guide.
As shown in the typical application circuit shown in Figure 16, the
user is responsible for connecting the following to the ADIN2299
module:
►
3.3 V power and ground for the ADIN2299 module.
►
An industrial Ethernet connection: magnetics and RJ-45 connec-
tions to the industrial network from the PHY outputs.
►
An applications processor interface: via SPI, UART, or Ethernet.
►
Industrial Ethernet LEDs (module (MOD) and network (NET)).
Figure 7. System Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com