Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV-RPG2-PNZ Datasheet(PDF) 10 Page - Analog Devices

Part # EV-RPG2-PNZ
Description  RapID Platform Generation 2 (RPG2) Network Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EV-RPG2-PNZ Datasheet(HTML) 10 Page - Analog Devices

Back Button EV-RPG2-PNZ Datasheet HTML 6Page - Analog Devices EV-RPG2-PNZ Datasheet HTML 7Page - Analog Devices EV-RPG2-PNZ Datasheet HTML 8Page - Analog Devices EV-RPG2-PNZ Datasheet HTML 9Page - Analog Devices EV-RPG2-PNZ Datasheet HTML 10Page - Analog Devices EV-RPG2-PNZ Datasheet HTML 11Page - Analog Devices EV-RPG2-PNZ Datasheet HTML 12Page - Analog Devices EV-RPG2-PNZ Datasheet HTML 13Page - Analog Devices EV-RPG2-PNZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Data Sheet
ADIN2299
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 10 of 21
Table 9. Ball Function Descriptions
Ball No.
Mnemonic
Direction
Description
M15, N15, N16, N17, P1, P2,
P3, P4, P15, R4, R7, R8, R10,
R11, R14, T2, T3, T4, T5, T9,
T13, T14, T15, T16
A4
ETH0_RXD0
Input
Ethernet MAC 0 (EMAC0) Receive Data 0. Receive data bus.
A5
ETH0_REFCLK
Input
EMAC0 Reference Clock. Externally supplied Ethernet clock.
A6
ETH0_TXD0
Output
EMAC0 Transmit Data 0. Transmit data bus.
A7
UART0_TX/BUSY
Output
UART0 Transmit Output When UART Selected as the Applications Processor Interface
(UART0_TX).
Busy Signal When SPI Selected (BUSY). This signal indicates to the application side that the
communication side is busy. Connect a 3 kΩ pull-down resistor to the BUSY pin.
A8
CAN1_TX
Output
This ball can be left floating. It is reserved for the following future option: CAN Applications
Processor Interface Transmit (CAN1_TX).
A9
SPI0_CLK
Input
SPI0 Clock Input.
A10
DNC
Not applicable
Do Not Connect. The DNC pin is internally connected and must remain floating.
A11
JTG_TMS
Input
JTAG Mode Select. JTAG test access port mode select.
A12
JTG_TRST
Input
JTAG Reset. JTAG test access port reset.
B4
ETH0_RXD1
Input
EMAC0 Receive Data 1. Receive data bus.
B5
ETH0_TXEN
Output
EMAC0 Transmit Enable. When asserted, this ball indicates that the transmit data is valid.
B6
ETH0_TXD1
Output
EMAC0 Transmit Data 1. Transmit data bus.
B7
UART0_RX
Input
UART0 Receive. Receive input.
B8
CAN1_RX
Input
This ball can be left floating. It is reserved for the following future option: CAN Applications
Processor Interface Receive (CAN1_RX).
B9
SPI0_MISO/SPI_D0
Input and
output
SPI0 Leader In, Follower Out (SPI0_MISO). When QSPI
™ is selected, this ball has the
SPI0_D0 function, which is the Data 0 line for the QSPI.
B10
SPI0_SEL3_SS
Input
SPI0 Follower Select Input.
B11
JTG_TDO
Output
JTAG Serial Data Out. JTAG test access port data output.
B12
JTG_TDI
Input
JTAG Serial Data In. JTAG test access port data input.
B15
WP
Input
Write Protect SPI Flash. The WP ball is pulled high internally to the module, and it is
recommended to leave this pin floating.
B17
GPIO_8
Output
General-Purpose Input and Output 8. Connect a 10 kΩ pull-up resistor to the GPIO_8 ball.
C4
ETH0_CRS
Input
EMAC0 Carrier Sense. Multiplexed on alternate clock cycles.
Carrier Sense (CRS): Asserted by the PHY when either the transmit or receive medium is not
idle. Deasserted when both are idle.
Receive Divider (RXDV): Asserted by the PHY when the data on Receive Data Line 1 (RXD0)
is valid.
C5
ETH0_MDIO
Input and
output
EMAC0 Management Channel Serial Data. Bidirectional data bus for PHY control.
C6
ETH0_MDC
Output
EMAC0 Management Channel Clock. Clocks the MDC input of the PHY.
C9
SPI0_MOSI/SPI0_D1
Input and
output
SPI0 Leader Out, Follower In (SPI0_MOSI). When QSPI is selected, this ball has the SPI0_D1
function, which is the Data 1 line for the QSPI.
C11
JTG_TCK
Input
JTAG Clock. JTAG test access port clock.
C12
INT_IN
Input
Interrupt Input to Applications Processor. Connect a 4.7 kΩ pull-up resistor to the INT_IN ball.
C13
RREQ
Output
Interrupt Output to Applications Processor. Signal goes high to notify the application side that a
message is ready to be read. Connect a 3 kΩ pull-down resistor to the RREQ ball.
C16
GPIO_7
Output
General-Purpose Input and Output 7.
C17
GPIO_6
Input and
output
General-Purpose Input and Output 6.
D16
STATUS_LED2
Input and
output
The STATUS_LED2 ball goes low to activate the red LED of the optional dual-color STATUS
signal LED.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com