Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV-RPG2-PNZ Datasheet(PDF) 1 Page - Analog Devices

Part # EV-RPG2-PNZ
Description  RapID Platform Generation 2 (RPG2) Network Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EV-RPG2-PNZ Datasheet(HTML) 1 Page - Analog Devices

  EV-RPG2-PNZ Datasheet HTML 1Page - Analog Devices EV-RPG2-PNZ Datasheet HTML 2Page - Analog Devices EV-RPG2-PNZ Datasheet HTML 3Page - Analog Devices EV-RPG2-PNZ Datasheet HTML 4Page - Analog Devices EV-RPG2-PNZ Datasheet HTML 5Page - Analog Devices EV-RPG2-PNZ Datasheet HTML 6Page - Analog Devices EV-RPG2-PNZ Datasheet HTML 7Page - Analog Devices EV-RPG2-PNZ Datasheet HTML 8Page - Analog Devices EV-RPG2-PNZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Data Sheet
ADIN2299
RapID Platform Generation 2 (RPG2) Network Interface
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Configurable industrial protocol support
►
PROFINET RT (Class B)
►
PROFINET IRT (Class C): coming soon
►
EtherNet/IP with DLR
►
EtherCAT
►
All protocols precertified
►
Configurable applications processor interface
►
UART: 115,200 bps to 1,000,000 bps
►
Ethernet at 10 Mbps or 100 Mbps
►
SPI follower: 10 MHz maximum clock
►
I2C, QSPI, and CAN: future option
►
Industrial Ethernet interface-compliant to IEEE 802.3, 10Base or
100Base transmit half and full duplex
►
Single 3.3 V power supply, 840 mW
►
Cycle time down to 1 ms (cycle times vary based on protocol,
link type, and application data)
►
194-ball chip-scale package BGA form factor
►
RoHS 3 compliant
►
–40°C to +85°C industrial temperature range
APPLICATIONS
►
Factory and process automation
►
Motion control
►
Building automation
►
Transportation
GENERAL DESCRIPTION
The ADIN2299 is a complete, pretested solution that manages the
industrial protocol and network traffic for an applications processor.
The module contains everything needed to participate in a Ether-
CAT, PROFINET
® real-time (RT) and isochronous real time (IRT),
EtherNet/IP network, including a communications controller, proto-
col stack, flash, RAM, follower controller, and physical layer (PHY).
An applications processor connects via a universal asynchronous
receiver transmitter (UART), serial peripheral interface (SPI), or
Ethernet interface.
At the software layer, the applications processor connects to a
unified interface so the supported industrial protocols can be
used without changing the applications processor software. The
ADIN2299 platform was precertified so that the field device can
operate in any of the supported industrial Ethernet networks.
PRODUCT HIGHLIGHTS
1. Multiprotocol support
2. Small form factor for embedded applications
3. Low power and low latency
4. Robust network policing ensures passing PROFINET Netload
Class 3


Similar Part No. - EV-RPG2-PNZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EV-RPG2-PNZ AD-EV-RPG2-PNZ Datasheet
1Mb / 21P
Multiprotocol Two-Port Industrial Ethernet Platform: Module and Embedded Design Solutions with Precertified Protocols
Rev. D
More results

Similar Description - EV-RPG2-PNZ

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
DSA-3010 ADVANTECH-DSA-3010 Datasheet
564Kb / 2P
Economic Network Signage Platform
NCP-3110 ADVANTECH-NCP-3110 Datasheet
426Kb / 2P
1U Packetarium??Network Processor Platform
logo
List of Unclassifed Man...
FW-7525 ETC2-FW-7525 Datasheet
463Kb / 2P
Fanless Desktop x86 Network Security Platform Fanless Desktop x86 Network Security Platform Processor
FW-7582 ETC2-FW-7582 Datasheet
238Kb / 2P
Cost Effective Network Security Platform with Intel짰 3rd Generation (Ivy Bridge) Processor
MR-320 ETC2-MR-320 Datasheet
131Kb / 2P
Mini Network Platform with Cavium OCTEON Network Processor
logo
Maxim Integrated Produc...
MAX32620FTHR MAXIM-MAX32620FTHR Datasheet
2Mb / 11P
Rapid Development Platform
Rev 0; 11/17
logo
Advantech Co., Ltd.
DPX-S435 ADVANTECH-DPX-S435 Datasheet
1Mb / 2P
4th Generation Intel Core Gaming platform
ESRP-ACT-UNO2484 ADVANTECH-ESRP-ACT-UNO2484 Datasheet
1,001Kb / 2P
Enterprise IoT Network Platform
logo
AAEON Technology
FWS-7830 AAEON-FWS-7830 Datasheet
359Kb / 2P
1U Rackmount Intel® 8th Generation Platform Network Appliance
2022/06/08
FWS-7831 AAEON-FWS-7831 Datasheet
298Kb / 2P
1U Rackmount Intel® 8th Generation Platform Network Appliance
2022/03/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com