Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV-RPG2-PNZ Datasheet(PDF) 19 Page - Analog Devices

Part # EV-RPG2-PNZ
Description  RapID Platform Generation 2 (RPG2) Network Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EV-RPG2-PNZ Datasheet(HTML) 19 Page - Analog Devices

Back Button EV-RPG2-PNZ Datasheet HTML 13Page - Analog Devices EV-RPG2-PNZ Datasheet HTML 14Page - Analog Devices EV-RPG2-PNZ Datasheet HTML 15Page - Analog Devices EV-RPG2-PNZ Datasheet HTML 16Page - Analog Devices EV-RPG2-PNZ Datasheet HTML 17Page - Analog Devices EV-RPG2-PNZ Datasheet HTML 18Page - Analog Devices EV-RPG2-PNZ Datasheet HTML 19Page - Analog Devices EV-RPG2-PNZ Datasheet HTML 20Page - Analog Devices EV-RPG2-PNZ Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
Data Sheet
ADIN2299
THEORY OF OPERATION
analog.com
Rev. 0 | 19 of 21
REFLOW PROFILE
When soldering the ADIN2299 module to a PCB, there are specifics
regarding the reflow temperature profile that must be followed to
ensure that the module is correctly soldered onto the PCB (see
Figure 15 and Table 17).
Figure 15. High Peak Reflow Temperature Profile (SMT Process)
Table 17. High Peak Reflow Temperature Profile Specifications
Item
Temperature Change
Profile Data(seconds)
Ramp Rate (°C/sec)
30°C to approximately 150°C
0.86
Soak Time (sec) at 170°C to Approximately 220°C
70°C to approximately 100°C
77.07
Dwell Time (sec) at More Than 220°C
60°C to approximately 90°C
84.82
Peak Temperature (°C)
245°C to approximately 255°C
247.69
Cooling Rate (°C/sec)
Peak to approximately 150°C
0.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com