| Electronic Components Datasheet Search |
|
EV-RPG2-PNZ Datasheet(PDF) 16 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
EV-RPG2-PNZ Datasheet(HTML) 16 Page - Analog Devices |
|
16 / 21 page ![]() Data Sheet ADIN2299 THEORY OF OPERATION analog.com Rev. 0 | 16 of 21 There is also an error recovery mechanism in the SPI. In the event the SPI leader detects something wrong with the SPI link, it may flush the link to reset low level SPI communication. A flush is initiated by issuing a SPI transaction the length of 0 byte or 1 byte. If a transaction with a length of 1 is issued, the byte value placed on MOSI is ignored by the SPI follower. Similarly, the value on MISO can be ignored. If a flush is initiated between any two read or write operations, nothing notable happens. If a flush is initiated during a read operation, the following notable actions are taken. If the RREQ signal is high and no read request acknowledge transaction has been sent, the following occurs: ► RREQ goes low. ► A flush at this point concludes the read operation, and the SPI leader must not attempt to retrieve the data status header or message data. ► The data status header and message data that the SPI follower prepared for transmission is discarded. ► The SPI follower does not attempt to retransmit flushed messag- es. ► SPI transactions can operate normally from this point. If the RREQ signal is high and a read request acknowledge trans- action has been sent, the following occurs: ► RREQ goes low. ► A flush at this point concludes the read operation, and the SPI leader must not attempt to retrieve the data status header or message data. ► The data status header and message data that the SPI follower prepared for transmission is discarded. ► The SPI follower does not attempt to retransmit flushed messag- es. ► SPI transactions can operate normally from this point. If RREQ is inactive, the following occurs: ► The data status header and message data that the SPI follower prepared for transmission is discarded. ► The SPI follower does not attempt to retransmit flushed messag- es. ► SPI transactions can operate normally from this point. Figure 12. SPI Applications Processor Interface Table 14. SPI Applications Processor Interface Balls Mnemonic Direction Description SPI0_SEL3_SS Input SPI0 Follower Select Input. SPI0_CLK Input SPI0 Clock Input. SPI0_MOSI Input SPI0 Leader Out, Follower In. SPI0_MISO Output SPI0 Leader In, Follower Out. RREQ Output RREQ is a signal that notifies the application side that a message is ready to be read. BUSY Output Busy Signal. This signal indicates to the application side that the communication side is busy. Ethernet Applications Processor Interface Selection Figure 13 shows the Ethernet applications processor interface direct connection through the RMII. Figure 13. Direct Connection Through RMII Figure 14 shows the Ethernet applications processor interface indirect connection. Figure 14. Indirect Connection |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |