Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP79521 Datasheet(PDF) 26 Page - Microchip Technology

Part # MCP79521
Description  Battery-Backed SPI Real-Time Clock/Calendar
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79521 Datasheet(HTML) 26 Page - Microchip Technology

Back Button MCP79521 Datasheet HTML 22Page - Microchip Technology MCP79521 Datasheet HTML 23Page - Microchip Technology MCP79521 Datasheet HTML 24Page - Microchip Technology MCP79521 Datasheet HTML 25Page - Microchip Technology MCP79521 Datasheet HTML 26Page - Microchip Technology MCP79521 Datasheet HTML 27Page - Microchip Technology MCP79521 Datasheet HTML 28Page - Microchip Technology MCP79521 Datasheet HTML 29Page - Microchip Technology MCP79521 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 58 page
background image
MCP7951X/MCP7952X
DS20002300D-page 26
 2012-2022 Microchip Technology Inc.and its subsidiaries
REGISTER 5-13:
ALMxWKDAY: ALARM 0/1 WEEKDAY VALUE REGISTER
(ADDRESSES 0x0F/0x16)
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-1
—
ALMxMSK2
ALMxMSK1 ALMxMSK0
ALMxIF
WKDAY2
WKDAY1
WKDAY0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is clear
x = Bit is unknown
bit 7
Unimplemented: Read as ‘0’
bit 6-4
ALMxMSK<2:0>: Alarm Mask bits
000 = Seconds match
001 = Minutes match
010 = Hours match (logic takes into account 12-/24-hour operation)
011 = Day of week match
100 = Date match
101 = Hundredth of Seconds(1)
110 = Reserved; do not use
111 = Seconds, Minutes, Hour, Day of Week, Date and Month(2)
bit 3
ALMxIF: Alarm Interrupt Flag bit(3)
1 = Alarm match occurred (must be cleared in software)
0 = Alarm match did not occur
bit 2-0
WKDAY<2:0>: Binary-Coded Decimal Value of Day bits
Contains a value from 1 to 7. The representation is user-defined.
Note 1: Hundredth of seconds matching is available on Alarm 1 only. This setting is reserved on Alarm 0.
2: Month matching is available on Alarm 0 only.
3: The ALMxIF bit can be cleared by writing a ‘0’. Once cleared, the ALMxIF bit cannot be written to a ‘1’ in
software.
REGISTER 5-14:
ALMxDATE: ALARM 0/1 DATE VALUE REGISTER (ADDRESSES 0x10/0x17)
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-1
—
—
DATETEN1
DATETEN0 DATEONE3
DATEONE2
DATEONE1
DATEONE0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is clear
x = Bit is unknown
bit 7-6
Unimplemented: Read as ‘0’
bit 5-4
DATETEN<1:0>: Binary-Coded Decimal Value of Date’s Tens Digit
Contains a value from 0 to 3
bit 3-0
DATEONE<3:0>: Binary-Coded Decimal Value of Date’s Ones Digit
Contains a value from 0 to 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com