Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP79521 Datasheet(PDF) 36 Page - Microchip Technology

Part # MCP79521
Description  Battery-Backed SPI Real-Time Clock/Calendar
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79521 Datasheet(HTML) 36 Page - Microchip Technology

Back Button MCP79521 Datasheet HTML 32Page - Microchip Technology MCP79521 Datasheet HTML 33Page - Microchip Technology MCP79521 Datasheet HTML 34Page - Microchip Technology MCP79521 Datasheet HTML 35Page - Microchip Technology MCP79521 Datasheet HTML 36Page - Microchip Technology MCP79521 Datasheet HTML 37Page - Microchip Technology MCP79521 Datasheet HTML 38Page - Microchip Technology MCP79521 Datasheet HTML 39Page - Microchip Technology MCP79521 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 58 page
background image
MCP7951X/MCP7952X
DS20002300D-page 36
 2012-2022 Microchip Technology Inc.and its subsidiaries
6.0
ON-BOARD MEMORY
The MCP7952X has 2 Kbits (256 bytes) of EEPROM,
while the MCP7951X has 1 Kbit (128 bytes) of
EEPROM. In addition, the devices have 16 bytes of
protected EEPROM for storing crucial information and
64 bytes of SRAM for general purpose usage. The
SRAM is retained when the primary power supply is
removed if a backup supply is present and enabled.
Since the EEPROM is nonvolatile, it does not require a
supply for data retention.
Although the SRAM is a separate block from the RTCC
registers, they are accessed using the same
instructions, READ and WRITE. The EEPROM is
accessed using the EEREAD and EEWRITE instructions
and the protected EEPROM is accessed using the
IDREAD and IDWRITE instructions. RTCC and SRAM
can be accessed for reads or writes immediately after
starting an EEPROM write cycle.
6.1
SRAM/RTCC Registers
The RTCC registers are located at addresses 0x00 to
0x1F and the SRAM is located at addresses 0x20 to
0x5F. The SRAM can be accessed while the RTCC
registers are being internally updated. The SRAM is not
initialized by a Power-on Reset (POR).
Neither the RTCC registers nor the SRAM can be
accessed when the device is operating off the backup
power supply.
6.1.1
SRAM/RTCC REGISTER WRITE
SEQUENCE
The device is selected by pulling CS low. The 8-bit
WRITE instruction is transmitted to the MCP795XX
followed by an 8-bit address. Next, the data to be
written is transmitted.
There is no limit to the number of bytes that can be
written in a single command. However, because the
RTCC registers and SRAM are separate blocks, writing
past the end of each block will cause the internal
Address Pointer to roll over to the beginning of the
same block. Specifically, the Address Pointer will roll
over from 0x1F to 0x00 and from 0x5F to 0x20.
Each data byte is latched into memory as it is received.
Once all data bytes have been transmitted, CS is
driven high to end the operation (Figure 6-1).
6.1.2
SRAM/RTCC REGISTER READ
SEQUENCE
The device is selected by pulling CS low. The 8-bit
READ instruction is transmitted to the MCP795XX
followed by an 8-bit address.
After the READ instruction and address are sent, the
data stored in the memory at the selected address is
shifted out on the SO pin. Data stored in the memory at
the next address can be read sequentially by
continuing to provide clock pulses to the client. The
internal Address Pointer automatically increments to
the next higher address after each byte of data is
shifted out. The Address Pointer allows the entire
memory block to be serially read during one operation.
The read operation is terminated by driving CS high
(Figure 6-2).
Because the RTCC registers and SRAM are separate
blocks, reading past the end of each block will cause
the Address Pointer to roll over to the beginning of the
same block. Specifically, the Address Pointer will roll
over from 0x1F to 0x00 and from 0x5F to 0x20.
FIGURE 6-1:
SRAM/RTCC WRITE SEQUENCE
SI
CS
910 11
00
0
1
0
0
01
76
5
4
32
10
Data Byte 1
SCK
0
2
34
567
1
8
SI
CS
33 34 35
38 39
76
543
21
0
Data Byte n
SCK
24
26 27 28 29 30 31
25
32
76
54
321
0
Data Byte 3
76
54
321
0
Data Byte 2
36 37
Instruction
Address Byte
A7 A6 A5 A4 A3
A1 A0
A2
12 13 14 15 16 17 18 19 20 21 22 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com