Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP79521 Datasheet(PDF) 32 Page - Microchip Technology

Part # MCP79521
Description  Battery-Backed SPI Real-Time Clock/Calendar
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79521 Datasheet(HTML) 32 Page - Microchip Technology

Back Button MCP79521 Datasheet HTML 28Page - Microchip Technology MCP79521 Datasheet HTML 29Page - Microchip Technology MCP79521 Datasheet HTML 30Page - Microchip Technology MCP79521 Datasheet HTML 31Page - Microchip Technology MCP79521 Datasheet HTML 32Page - Microchip Technology MCP79521 Datasheet HTML 33Page - Microchip Technology MCP79521 Datasheet HTML 34Page - Microchip Technology MCP79521 Datasheet HTML 35Page - Microchip Technology MCP79521 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 58 page
background image
MCP7951X/MCP7952X
DS20002300D-page 32
 2012-2022 Microchip Technology Inc.and its subsidiaries
5.6.2
COARSE TRIM MODE
When CRSTRIM = 1, Coarse Trim mode is enabled.
While in this mode, the MCP795XX will apply trimming
every second. If SQWEN is set, the CLKOUT pin will
output a trimmed 1 Hz nominal clock signal.
Because trimming is applied every second rather than
every minute, each step of the TRIMVAL<7:0> value
has a larger effect on the resulting time deviation and
output clock frequency.
By monitoring the CLKOUT output frequency while in
this mode, the user can easily observe the
TRIMVAL<7:0> value affecting the clock timing.
TABLE 5-10:
SUMMARY OF REGISTERS ASSOCIATED WITH DIGITAL TRIMMING
Note 1: The 1 Hz Coarse Trim mode square
wave output is not available while
operating from the backup power supply.
2: With Coarse Trim mode enabled, the
TRIMVAL<7:0> value has a larger effect
on timing. Leaving the mode enabled
during normal operation will likely result
in inaccurate time.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
RTCHOUR
TRIMSIGN
12/24
AM/PM
HRTEN1
HRTEN0
HRONE3
HRONE2
HRONE1
HRONE0
19
CONTROL
—SQWEN
ALM1EN
ALM0EN
EXTOSC
CRSTRIM
SQWFS1
SQWFS0
29
OSCTRIM
TRIMVAL7 TRIMVAL6 TRIMVAL5 TRIMVAL4
TRIMVAL3
TRIMVAL2 TRIMVAL1 TRIMVAL0
30
Legend:
— = unimplemented location, read as ‘0’. Shaded cells are not used by digital trimming.l



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com