Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP79521 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP79521
Description  Battery-Backed SPI Real-Time Clock/Calendar
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79521 Datasheet(HTML) 4 Page - Microchip Technology

  MCP79521 Datasheet HTML 1Page - Microchip Technology MCP79521 Datasheet HTML 2Page - Microchip Technology MCP79521 Datasheet HTML 3Page - Microchip Technology MCP79521 Datasheet HTML 4Page - Microchip Technology MCP79521 Datasheet HTML 5Page - Microchip Technology MCP79521 Datasheet HTML 6Page - Microchip Technology MCP79521 Datasheet HTML 7Page - Microchip Technology MCP79521 Datasheet HTML 8Page - Microchip Technology MCP79521 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 58 page
background image
MCP7951X/MCP7952X
DS20002300D-page 4
 2012-2022 Microchip Technology Inc.and its subsidiaries
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings (†)
VCC.............................................................................................................................................................................6.5V
All inputs and outputs w.r.t. VSS .......................................................................................................... -0.6V to VCC+1.0V
Storage temperature ...............................................................................................................................-65°C to +150°C
Ambient temperature under bias...............................................................................................................-40°C to +85°C
ESD protection on all pins ..........................................................................................................................................4 kV
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
TABLE 1-1:
DC CHARACTERISTICS
DC CHARACTERISTICS
Industrial (I):
TA = -40°C to +85°C
VCC = 1.8V to 3.6V
Param.
No.
Symbol
Characteristic
Minimum Typical(1) Maximum Units
Test Conditions
D1
VIH
High-Level Input Voltage
0.7 VCC
—VCC + 1
V
D2
VIL
Low-Level Input Voltage
-0.3
—
0.3VCC
V
VCC
≥2.5V
-0.3
—
0.2VCC
VCC < 2.5V
D3
VOL
Low-Level Output Voltage
——
0.4
V
IOL = 2.1 mA, VCC ≥
2.5V
——
0.2
IOL = 1.0 mA, VCC < 2.5V
D4
VOH
High-Level Output Voltage
VCC - 0.5
—
—
V
IOH = -400 µA
D5
ILI
Input Leakage Current
—
—
±1
µA
CS = VCC, VIN = VSS or
VCC
D6
ILO
Output Leakage Current
—
—
±1
µA
CS = VCC, VOUT = VSS or
VCC
D7
CINT
Pin Capacitance
(all inputs and outputs)
——
7
pF
VCC = 3.6V (Note 2)
TA = +25°C, f = 1 MHz
D8
COSC
Oscillator Pin
Capacitance (X1, X2 pins)
—3
—
pF
Note 2
D9
ICCEERD EEPROM Operating
Current
——
3
mA
VCC = 3.6V, FCLK = 5 MHz
SO = Open
ICCEEWR
——
5
mA
VCC = 3.6V
D10
ICCREAD SRAM/RTCC Operating
Current
——
3
mA
VCC = 3.6V, FCLK = 5 MHz
SO = Open
ICCWRITE
——
3
mA
VCC = 3.6V, FCLK = 5 MHz
D11
ICCDAT
Vcc Data Retention
Current (oscillator off)
——
1
µA
VCC = 3.6V
D12
ICCT
Timekeeping Current
——
1.2
µA
VCC = 1.8V, CS = VCC,
(Note 2)
—1.2
1.8
µA
VCC = 3.0V, CS = VCC,
(Note 2)
——
2.6
µA
VCC = 3.6V, CS = VCC,
(Note 2)
Note 1: Typical measurements taken at room temperature.
2: This parameter is not tested but ensured by characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com